Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA1 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48CA1
Description  Remote Type 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA1 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48CA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
HT48RA1/HT48CA1
Rev. 1.30
11
October 12, 2007
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator), instruction clock (system
clock divided by 4), determines the ROM code option.
This timer is designed to prevent a software malfunction
or sequence from jumping to an unknown location with
unpredictable results. The Watchdog Timer can be dis-
abled by ROM code option. If the Watchdog Timer is dis-
abled, all the executions related to the WDT result in no
operation.
Once the internal WDT oscillator (RC oscillator with a
period of 90
ms@3V normally) is selected, it is first di-
vided by 256 (8-stage) to get the nominal time-out pe-
riod of 23ms@3V. This time-out period may vary with
temperatures, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the
WDTS) can give different time-out periods. If WS2,
WS1, and WS0 are all equal to 1, the division ratio is up
to 1:128, and the maximum time-out period is 2.9s@3V
seconds. If the WDT oscillator is disabled, the WDT
clock may still come from the instruction clock and oper-
ates in the same manner except that in the HALT state
the WDT may stop counting and lose its protecting pur-
pose. In this situation the logic can only be restarted by
external logic. The high nibble and bit 3 of the WDTS are
reserved for user
¢s defined flags, which can be used to
indicate some specified status.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS Register
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit ²TO². But in the HALT
mode, the overflow will initialize a
²warm reset² and only
the program counter and SP are reset to zero. To clear
the contents of WDT (including the WDT prescaler),
three methods are adopted; external reset (a low level to
RES), software instruction and a
²HALT² instruction.
The software instruction include
²CLR WDT² and the
other set
²CLR WDT1² and ²CLR WDT2². Of these two
types of instruction, only one can be active depending
on the ROM code option
²CLR WDT² times selection
option. If the
²CLR WDT² is selected (i.e. ²CLR WDT²
times equal one), any execution of the
²CLR WDT² in-
struction will clear the WDT. In the case that
²CLR
WDT1
² and ²CLR WDT2² are chosen (i.e. ²CLR WDT²
times equal two), these two instructions must be exe-
cuted to clear the WDT; otherwise, the WDT may reset
the chip as a result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for chip reset can be determined.
The PDF flag is cleared by system power-up or execut-
ing the
²CLR WDT² instruction and is set when execut-
ing the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the program counter and SP; the others remain in their
original status.
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
R O M
C o d e
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer


Similar Part No. - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA1 HOLTEK-HT48CA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48CA1 HOLTEK-HT48CA1 Datasheet
269Kb / 38P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com