Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49CV3 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT49CV3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Pin Assignment
Note: Each VDD (VSS) pins must be connected to the power (ground) of the system.
Pin Description
Pin Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
Buzzer
PFD
Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up
input by configuration option. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input with or without pull-high resistor (deter-
mined by pull-high option: bit option). Pins PA0, PA1 and PA3 are pin-shared
with BZ, BZ and PFD, respectively.
PB0~PB3
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input with or without pull-high resistor
(determined by pull-high option: bit option).
PC7/RMT
I/O
Pull-high
Bidirectional 1-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input with or without pull-high resistor
(determined by pull-high option: bit option). RMT with wake-up function (both
rising and falling edge) and Schmitt trigger input with or without a pull-high re-
sistor (determined by pull-high option).
Note: The RMT is pin-shared with PC7. When this pin is used as an RMT in-
put, the pin should be setup as an input, to prevent the I/O pin influencing the
operation of the RMT.
PD4/INT0
PD5/INT1
PD6/TMR0
PD7/TMR1
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input with or without pull-high resistor
(determined by pull-high option: bit option). Pins PD4~PD7 are pin-shared
with INT0, INT1, TMR0 & TMR1, respectively (determined by software con-
trol).
VSS
¾¾
Negative power supply, ground
VEE
¾¾
VFD Negative power supply
SEG0~SEG10
O
¾
High voltage segment output for VFD panel.
SEG11/Grid10~
SEG15/Grid6
O
¾
High voltage output for VFD panel. These pins are selectable for segment or
grid output.
Grid0~Grid5
O
¾
High voltage grid output for VFD panel.
SDI
I
¾
Serial interface serial data input
HT49RV3/HT49CV3
Rev. 1.30
3
March 20, 2007
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
H T 4 9 R V 3 / H T 4 9 C V 3
5 2 Q F P - A
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
P B 1
P B 0
P A 7
P A 6
P A 5
P A 4
P A 3 / P F D
P A 2
P A 1 / B Z
P A 0 / B Z
R E S
O S C 1
O S C 2
S E G 5
S E G 6
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1 / G R I D 1 0
S E G 1 2 / G R I D 9
S E G 1 3 / G R I D 8
S E G 1 4 / G R I D 7
S E G 1 5 / G R I D 6
V E E
V D D


Similar Part No. - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CV3 HOLTEK-HT49CV3 Datasheet
714Kb / 47P
   Remote Control Receiver SWIP
More results

Similar Description - HT49CV3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
   24V VFD Type 8-Bit OTP MCU
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
   24V VFD Type 8-Bit OTP MCU
HT49RV9 HOLTEK-HT49RV9 Datasheet
350Kb / 48P
   A/D With VFD Type 8-Bit MCU
HT49RV7 HOLTEK-HT49RV7 Datasheet
362Kb / 48P
   A/D With VFD Type 8-Bit MCU
HT49RV5 HOLTEK-HT49RV5 Datasheet
376Kb / 48P
   A/D With VFD Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com