Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856584 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856584
Description  1575.42 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856584 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856584 Datasheet HTML 1Page - TriQuint Semiconductor 856584 Datasheet HTML 2Page - TriQuint Semiconductor 856584 Datasheet HTML 3Page - TriQuint Semiconductor 856584 Datasheet HTML 4Page - TriQuint Semiconductor 856584 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856584
1575.42 MHz SAW Filter
Features
• For GPS applications
• Usable bandwidth 2 MHz
• Very Low loss
• Single-ended operation at 50 Ω
• No impedance matching required for operation
at 50
• Single-ended operation
• Ceramic Chip Scale Package (CSP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 2.00 x 1.50 x 0.76 mm
Bottom View
3
4
2
1
Pin No.
Description
1
Input
3
Output
2,4
Case ground
0.76 NOM.
0.84 MAX.
1.30
1.50
0.42
0.56
0.25x45° CHAMFER
1.80
2.00
Dimensions shown are nominal in millimeters
All tolerances are
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb
Subject to change or obsolescence without notice
Rev A
© 11-06 TriQuint Semiconductor, Inc.
Page 1 of 5


Similar Part No. - 856584

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856582 TRIQUINT-856582_15 Datasheet
438Kb / 5P
   172.8 MHz SAW Filter
More results

Similar Description - 856584

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com