Selected language     English  ▼


ATTINY22L_1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATTINY22L_1
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 1 page
background image
1
Features
Utilizes the AVR® RISC Architecture
AVR - High-performance and Low-power RISC Architecture
– 118 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 1MIPS Throughput at 1MHz
Data and Nonvolatile Program Memory
– 2K Bytes of In-System Programmable Flash
Endurance 1,000 Write/Erase Cycles
– 128 Bytes of internal SRAM
– 128 Bytes of In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program and EEPROM Data Security
Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler
– Programmable Watchdog Timer with On-chip Oscillator
– SPI Serial Interface for In-System Programming
Special Microcontroller Features
– Low-power Idle and Power Down Modes
– External and Internal Interrupt Sources
– Power-on Reset Circuit
– On-chip RC Oscillator
Specifications
– Low-power, High-speed CMOS Process Technology
– Fully Static Operation
Power Consumption at 3V, 25°C
– Active: 1.5 mA
– Idle Mode: 100 µA
– Power Down Mode: <1 µA
I/O and Packages
– 5 Programmable I/O Lines
– 8-pin PDIP and SOIC
Operating Voltages
– 2.7 - 6.0V
Speed Grade
– Internal Oscillator ~1MHz @ 5.0V
Description
The ATtiny22L is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny22L
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU),
Rev. 1273B–02/00
8-bit
Microcontroller
with 2K Bytes of
In-System
Programmable
Flash
ATtiny22L
Preliminary
Pin Configuration
PDIP/SOIC
1
2
3
4
8
7
6
5
RESET
PB3
PB4
GND
VCC
PB2 (SCK/T0)
PB1 (MISO/INT0)
PB0 (MOSI)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT89S51_058-bit Microcontroller with 4K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89LS51_068-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P_06118-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA64_06108-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA329P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl