Electronic Components Datasheet Search
Selected language     English  ā–¼


ATTINY22L_1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. ATTINY22L_1
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 2 page
background image
2
ATtiny22L
allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC
microcontrollers.
Block Diagram
Figure 1. The ATtiny22L Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTER
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA REGISTER
PORTB
PROGRAMMING
LOGIC
TIMING AND
CONTROL
INTERRUPT
UNIT
EEPROM
SPI
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PB0 - PB4
RESET
VCC
GND
CONTROL
LINES
8-BIT DATA BUS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT89S51_058-bit Microcontroller with 4K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89LS51_068-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P_06118-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165V_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA64_06108-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA329P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl