Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7476PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7476PBF
Description  HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7476PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7476PBF Datasheet HTML 1Page - International Rectifier IRF7476PBF Datasheet HTML 2Page - International Rectifier IRF7476PBF Datasheet HTML 3Page - International Rectifier IRF7476PBF Datasheet HTML 4Page - International Rectifier IRF7476PBF Datasheet HTML 5Page - International Rectifier IRF7476PBF Datasheet HTML 6Page - International Rectifier IRF7476PBF Datasheet HTML 7Page - International Rectifier IRF7476PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7476PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VDS = 10V
20µs PULSE WIDTH
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
°
V
=
I
=
GS
D
4.5V
15A
Tj, Junction Temperature (°C)
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
1.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
8.0V
5.0V
4.5V
3.5V
2.7V
2.0V
BOTTOM 1.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
1.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
5.0V
4.5V
3.5V
2.7V
2.0V
BOTTOM 1.5V


Similar Part No. - IRF7476PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7476 IRF-IRF7476 Datasheet
111Kb / 8P
   Power MOSFET(Vdss=12V, Id=15A)
logo
Guangdong Kexin Industr...
IRF7476 KEXIN-IRF7476 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7476 UMW-IRF7476 Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
Guangdong Kexin Industr...
IRF7476-HF KEXIN-IRF7476-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results

Similar Description - IRF7476PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com