Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C145-25JC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C145-25JC
Description  8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-25JC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C145-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 10Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 11Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 12Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 13Page - Cypress Semiconductor CY7C145-25JC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY7C145
CY7C144
10
Semaphore Read After Write Timing, Either Side[25]
Semaphore Contention[26, 27, 28]
Notes:
25. CE = HIGH for the duration of the above timing (both write and read cycle).
26. I/O0R = I/O0L = LOW (request semaphore); CER = CEL = HIGH
27. Semaphores are reset (available to both ports) at cycle start.
28. If tSPS is violated, the semaphore will definitely be obtained by one side or the other, but there is no guarantee which side will control the semaphore.
Switching Waveforms (continued)
tSOP
tAA
SEM
R/W
OE
I/O0
C144-15
VALID ADDRESS
VALID ADDRESS
tHD
DATA IN VALID
DATA OUT VALID
tOHA
A0−A 2
tAW
tHA
tACE
tSOP
tSCE
tSD
tSA
tPWE
tSWRD
tDOE
WRITE CYCLE
READ CYCLE
MATCH
C144-16
tSPS
A0L−A 2L
MATCH
R/WL
SEML
A0R−A 2R
R/WR
SEMR


Similar Part No. - CY7C145-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-25JC CYPRESS-CY7C145-25JC Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145-25JC CYPRESS-CY7C145-25JC Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com