Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSL-6512 Datasheet(PDF) 1 Page - Silonex Inc.

Part # NSL-6512
Description  TO-5 Photocells Plastic Encapsulated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILONEX [Silonex Inc.]
Direct Link  http://www.silonex.com/
Logo SILONEX - Silonex Inc.

NSL-6512 Datasheet(HTML) 1 Page - Silonex Inc.

  NSL-6512 Datasheet HTML 1Page - Silonex Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 Cogan Ave, Plattsburgh
Northwich, Cheshire
2150 Ward, Montreal
NY, 12901, USA
CW9 7TN, United Kingdom
QC, H4M 1T7, Canada
Tel: 518-561-3160
Tel: 01606-41999
Tel: 514-744-5507
Fax: 514-747-3906
Fax: 01606-49706
Fax: 514-747-3906
TO-5 Photocells
Plastic Encapsulated
Features
Five Photoconductive Materials
Tolerance:
±40% @1 ftc, ±33% @ 2 ftc
Description
The Silonex TO-5 series of photocells provide up to
seven standard resistance ranges in CdS or CdSe
materials. Most of these devices are also available in
a hermetic package.
Absolute Maximum Ratings
Operating & Storage Temperature
-60
°C to +75°C
Power Dissipation @ 25
°C (1)
125 mW
31 Min.
4.9 - 5.2
7.0 - 7.5
Shoulder
1.4 max dia.
x 0.7 max high
Lead dia.
0.50 - 0.52
* Note: Available as 3.0 mm thick,
on special order only.
Dimensions in mm.
1.8 - 2.4*
6.1 - 6.6
Electrical Characteristics (TA=25
°C, source at 2854°K )
Silonex
Part No
Sensitive
Material
Spectral
Peak (nm)
R @ 1 ftc
(Kohms) (3)
R @ 2 ftc
(Kohms) (3)
RTYP @ 100 ftc
(ohms)
Min. RDARK
(Mohms) (2)
VMAX (Volts)
(peak AC or DC)
NSL-4512
NSL-4522
NSL-4532
NSL-4542
NSL-4552
NSL-4562
NSL-4572
Type 4
CdS
515
43
18.6
8.0
3.5
330
155
65
1,000
400
230
120
8,000
4,600
3,800
2.5
1.0
0.40
0.10
20.0
10.0
4.0
120
120
120
120
320
320
320
NSL-5512
NSL-5522
NSL-5532
NSL-5542
NSL-5552
NSL-5562
NSL-5572
Type 5
CdS
550
3.3
10
165
30
30
(4)
37.5 (5)
47.5 (6)
300
700
10,000
1,000
1,000
1,200
2,000
0.22
0.67
11.0
20.0
10.0
10.0
1.0
120
120
320
120
120
120
120
NSL-6512
NSL-6522
NSL-6532
Type 6
CdSe
690
0.60
1.2
30
50
100
2,000
0.40
0.80
20.0
120
120
320
NSL-7512
NSL-7522
NSL-7532
NSL-7542
NSL-7552
Type 7
CdS
615
2.7
5.4
10
100
600
250
500
500
5,000
20,000
0.45
0.90
6.7
67.0
400.0
120
120
120
250
320
Specifications subject to change without notice.
103259 REV 2
Notes: (1) derate linearly to zero at 75
°C.
(2) 5 sec. after removal of test light
(3) cells light adapted at 30 to 50 Ftc for 16 hrs minimum prior to electrical tests.
(4)
±50%
(5)
±60%
(6)
±70%


Similar Part No. - NSL-6512

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-6510 SILONEX-NSL-6510 Datasheet
24Kb / 1P
   TO-5 Photocells Hermetic Package
logo
Advanced Photonix, Inc.
NSL-6510 ADVANCEDPHOTONIX-NSL-6510 Datasheet
332Kb / 1P
   The NSL-6510 is a type 5 CdS photoconductive cell in a flat lens TO-5 hermetic package.
More results

Similar Description - NSL-6512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL5P4L ETC1-CL5P4L Datasheet
35Kb / 1P
   PLASTIC ENCAPSULATED PHOTOCELLS
logo
Silonex Inc.
NSL-3510 SILONEX-NSL-3510 Datasheet
24Kb / 1P
   TO-5 Photocells Hermetic Package
logo
Luna Innovations Incorp...
NORPS-12 LUNA-NORPS-12 Datasheet
193Kb / 2P
   Plastic Package Cds Photocells
logo
TRANSYS Electronics Lim...
2N4401 TEL-2N4401 Datasheet
66Kb / 1P
   TO-92 Plastic-Encapsulated Transistors
2SA935 TEL-2SA935 Datasheet
116Kb / 1P
   TO-92L Plastic-Encapsulated Transistors
2SC1674 TEL-2SC1674 Datasheet
108Kb / 1P
   TO-92 Plastic-Encapsulated Transistors
2SB649 TEL-2SB649 Datasheet
63Kb / 1P
   TO-126C Plastic-Encapsulated Transistors
3DA752 TEL-3DA752 Datasheet
53Kb / 1P
   TO-251 Plastic-Encapsulated Transistors
2N5551 TEL-2N5551 Datasheet
66Kb / 2P
   TO-92 Plastic-Encapsulated Transistors
2SD1899 TEL-2SD1899 Datasheet
56Kb / 1P
   TO-252 Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com