Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201
Description  1.5A Ultra-LDO with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74201 Datasheet(HTML) 1 Page - Texas Instruments

  TPS74201 Datasheet HTML 1Page - Texas Instruments TPS74201 Datasheet HTML 2Page - Texas Instruments TPS74201 Datasheet HTML 3Page - Texas Instruments TPS74201 Datasheet HTML 4Page - Texas Instruments TPS74201 Datasheet HTML 5Page - Texas Instruments TPS74201 Datasheet HTML 6Page - Texas Instruments TPS74201 Datasheet HTML 7Page - Texas Instruments TPS74201 Datasheet HTML 8Page - Texas Instruments TPS74201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS74201
TPS74201
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS74201
GND
EN
FB
IN
PG
BIAS
SS
OUT
V
IN
V
OUT
R
1
R
2
R
3
C
OUT
Optional
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
1V/div
1V/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.2V
TPS74201
SBVS064F – DECEMBER 2005 – REVISED OCTOBER 2007
www.ti.com
1.5A Ultra-LDO with Programmable Soft-Start
2
• Soft-Start (SS) Pin Provides a Linear Startup
with Ramp Time Set by External Capacitor
The TPS74201 low-dropout (LDO) linear regulator
• 1% Accuracy Over Line, Load, and
provides an easy-to-use robust power management
Temperature
solution
for
a
wide
variety
of
applications.
• Supports Input Voltages as Low as 0.9V with
User-programmable soft-start minimizes stress on the
External Bias Supply
input power source by reducing capacitive inrush
current on start-up. The soft-start is monotonic and
• Adjustable Output (0.8V to 3.6V)
well suited for powering many different types of
• Ultra-Low Dropout: 55mV at 1.5A (typ)
processors
and
ASICs.
The
enable
input
and
• Stable with Any or No Output Capacitor
power-good
output
allow
easy
sequencing
with
• Excellent Transient Response
external regulators. This complete flexibility permits
the user to configure a solution that will meet the
• Available in 5mm × 5mm × 1mm QFN and
sequencing requirements of FPGAs, DSPs, and other
DDPAK-7 Packages
applications with special start-up requirements.
• Open-Drain Power-Good (5 × 5 QFN)
A precision reference and error amplifier deliver 1%
• Active High Enable
accuracy over load, line, temperature, and process.
Each LDO is stable with low-cost ceramic output
capacitors and the device is fully specified from
• FPGA Applications
–40
°C to +125°C. The TPS74201 is offered in a small
(5mm
× 5mm) QFN package, yielding a highly
• DSP Core and I/O Voltages
compact total solution size. For applications that
• Post-Regulation Applications
require additional power dissipation, the DDPAK
• Applications with Special Start-Up Time or
(KTW) package is also available.
Sequencing Requirements
• Hot-Swap and Inrush Controls
Figure 1. Typical Application Circuit for the
TPS74201 (Adjustable)
Figure 2. Turn-On Response
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS74201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201KTWR TI1-TPS74201KTWR Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201KTWRG3 TI1-TPS74201KTWRG3 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201KTWT TI1-TPS74201KTWT Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201KTWTG3 TI1-TPS74201KTWTG3 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
More results

Similar Description - TPS74201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com