Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55976A1WD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55976A1WD
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ55976A1WD Datasheet(HTML) 5 Page - Texas Instruments

  SNJ55976A1WD Datasheet HTML 1Page - Texas Instruments SNJ55976A1WD Datasheet HTML 2Page - Texas Instruments SNJ55976A1WD Datasheet HTML 3Page - Texas Instruments SNJ55976A1WD Datasheet HTML 4Page - Texas Instruments SNJ55976A1WD Datasheet HTML 5Page - Texas Instruments SNJ55976A1WD Datasheet HTML 6Page - Texas Instruments SNJ55976A1WD Datasheet HTML 7Page - Texas Instruments SNJ55976A1WD Datasheet HTML 8Page - Texas Instruments SNJ55976A1WD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
1 k
8 V
Input
VCC
1 k
8 V
Input
VCC
100 k
Input
100 k
2 k
18 k
4 k
16 V
16 V
Input
100 k
2 k
18 k
4 k
16 V
16 V
VCC
VCC
16 V
16 V
18 k
4 k
2 k
Output
VCC
Output
VCC
DE/RE, CRE, BSR, AND
A Inputs
CDE0, CDE1, AND CDE2 Inputs
B + Input
B – Input
B + AND B – Outputs
A Output
40
8 V
100 k


Similar Part No. - SNJ55976A1WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55976A1WD TI-SNJ55976A1WD Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SNJ55976A1WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com