Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74201RGWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74201RGWR
Description  1.5A Ultra-LDO with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74201RGWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS74201RGWR Datasheet HTML 2Page - Texas Instruments TPS74201RGWR Datasheet HTML 3Page - Texas Instruments TPS74201RGWR Datasheet HTML 4Page - Texas Instruments TPS74201RGWR Datasheet HTML 5Page - Texas Instruments TPS74201RGWR Datasheet HTML 6Page - Texas Instruments TPS74201RGWR Datasheet HTML 7Page - Texas Instruments TPS74201RGWR Datasheet HTML 8Page - Texas Instruments TPS74201RGWR Datasheet HTML 9Page - Texas Instruments TPS74201RGWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
0
10
20
30
40
I
(mA)
OUT
50
+125 C
°
+25 C
°
-40 C
°
ReferredtoI
=50mA
OUT
0.050
0.025
0
-0.025
-0.050
-0.075
-0.100
-0.125
-0.150
50
500
1000
I
(mA)
OUT
1500
+125 C
°
+25 C
°
-
°
40 C
ReferredtoI
=50mA
OUT
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
V
-
IN
OUT (V)
4.5
T = 40
-
°
J
C
T
J =+25°C
T
J =+125°C
100
75
50
25
0
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
200
180
160
140
120
100
80
60
40
20
0
0.9
1.4
1.9
2.4
2.9
3.4
V
V
-
BIAS
OUT (V)
3.9
+125 C
°
+25 C
°
-40°C
I
=1.5A
OUT
60
50
40
30
20
10
0
0.9
1.4
1.9
2.4
2.9
3.4
V
-
BIAS
V
OUT (V)
3.9
+125 C
°
+25 C
°
-40°C
I
=500mA
OUT
TPS74201
SBVS064F – DECEMBER 2005 – REVISED OCTOBER 2007
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, EN = VIN, CIN = 1μF, CBIAS = 4.7μF, CSS =
0.01
μF, and COUT = 10μF, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION
Figure 3.
Figure 4.
VIN DROPOUT VOLTAGE vs
LINE REGULATION
IOUT AND TEMPERATURE (TJ)
Figure 5.
Figure 6.
VIN DROPOUT VOLTAGE vs
VIN DROPOUT VOLTAGE vs
VBIAS – VOUT AND TEMPERATURE (TJ)
VBIAS – VOUT AND TEMPERATURE (TJ)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS74201


Similar Part No. - TPS74201RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201RGWR TI1-TPS74201RGWR Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201RGWRG4 TI1-TPS74201RGWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
More results

Similar Description - TPS74201RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com