Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC480IMLTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC480IMLTRT
Description  Complete DDR1/2/3 Memory Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC480IMLTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC480IMLTRT Datasheet HTML 1Page - Semtech Corporation SC480IMLTRT Datasheet HTML 2Page - Semtech Corporation SC480IMLTRT Datasheet HTML 3Page - Semtech Corporation SC480IMLTRT Datasheet HTML 4Page - Semtech Corporation SC480IMLTRT Datasheet HTML 5Page - Semtech Corporation SC480IMLTRT Datasheet HTML 6Page - Semtech Corporation SC480IMLTRT Datasheet HTML 7Page - Semtech Corporation SC480IMLTRT Datasheet HTML 8Page - Semtech Corporation SC480IMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC480
POWER MANAGEMENT
TEST CONDITIONS: V
IN = 15V, VCCA = VDDP = VTTEN = EN/PSV = 5V, VDDQ = VTTIN = 1.8V, RTON = 1MΩ. TAMB = -40 TO +85C.
Parameter
Conditions
25°C
-40°C to 85°C
Units
Min
Typ
Max
Min
Max
Under-Voltage Fault Delay
FB Forced Below UV V
TH
8
clks(3)
Under-Voltage Blank Time
From EN High
440
clks(3)
Output Over-Voltage Fault
With Respect to FB Regulation Point
+16
+12
+20
%
Over-Voltage Fault Delay
FB Above Over-Voltage Threshold
5
μs
PGD Low Output Voltage
Sink 1mA
0.1
V
PGD Leakage Current
FB in Regulation, PGD = 5V
1
μA
PGD UV Threshold
With Respect to FB Regulation Point
-10
-12
-8
%
PGD Fault Delay
FB Forced Outside PGD Window
5
μs
VCCA Under-Voltage (UVLO)
Falling Edge (Hysteresis 100 mV)
4
3.70
4.35
V
VTT Fault Protection
UV Lower Threshold
VTT w/rt REF
-12
-16
-8
%
OV Upper Threshold
VTT w/rt REF
+12
+8
+16
%
Fault Shutdown Delay
VTT Outside OV/UV Window
50
μs
Thermal Shutdown(4)(5)
160
150
170
°C
Inputs/Outputs
Logic Input Low Voltage
EN/PSV Low/Low (Disabled)
1.2
V
VTTEN Low (VTT Disabled)
0.6
Logic Input High Voltage
EN/PSV Low/High
(Enabled, Psave Disabled)
1.2
2.4
V
VTTEN High (VTT Enabled)
2.4
Logic Input High Voltage
EN/PSV High/High
(Enabled, Psave Enabled)
3.1
V
EN/PSV Input Resistance
Sourcing
1.5
Sinking
1.0
VTTEN Leakage Current
-1
+1
μA
Soft-Start
VDDQ Soft-Start Ramp Time
EN/PSV High to PGD High
440
clks(3)
VTT Soft-Start Ramp Rate(6)
5.5
mV/μs
Electrical Characteristics (Cont.)


Similar Part No. - SC480IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
SC4806MLTRT SEMTECH-SC4806MLTRT Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC480IMLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC486 SEMTECH-SC486 Datasheet
369Kb / 26P
   Complete DDR1/2/3 Memory Power Supply
SC488 SEMTECH-SC488 Datasheet
806Kb / 24P
   Complete DDR1/2/3 Memory Power Supply
SC1486A SEMTECH-SC1486A_06 Datasheet
614Kb / 30P
   Complete DDR1/2/3 Power Supply Controller
logo
STMicroelectronics
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
   Complete DDR2/3 memory power supply
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
   Complete DDR Memory Power Supply Controller
April 2021
RT8207GQW RICHTEK-RT8207GQW Datasheet
363Kb / 22P
   Complete DDRII/DDRIII Memory Power Supply Controller
logo
STMicroelectronics
PM6670AS STMICROELECTRONICS-PM6670AS Datasheet
717Kb / 54P
   Complete DDR2/3 memory power supplies controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com