Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4809A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4809A
Description  High Performance Current Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809A Datasheet(HTML) 5 Page - Semtech Corporation

  SC4809A Datasheet HTML 1Page - Semtech Corporation SC4809A Datasheet HTML 2Page - Semtech Corporation SC4809A Datasheet HTML 3Page - Semtech Corporation SC4809A Datasheet HTML 4Page - Semtech Corporation SC4809A Datasheet HTML 5Page - Semtech Corporation SC4809A Datasheet HTML 6Page - Semtech Corporation SC4809A Datasheet HTML 7Page - Semtech Corporation SC4809A Datasheet HTML 8Page - Semtech Corporation SC4809A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
Pin Descriptions
FB: This pin is the summing node for current sense feed-
back, voltage sense feedback (by optocoupler) and slope
compensation. Slope compensation is derived from the
rising voltage at the time capacitor and can be buffered
with an external small signal NPN transistor. External
high frequency filter capacitance applied from this node
to GND is discharged by an internal 250
Ω on-resistance
NMOS FET during PWM off -time and offers effective lead-
ing edge blanking set by the RC time constant of the
feedback resistance from the current sense resistor to
the FB input and the high frequency filter capacitor ca-
pacitance at this node to GND.
GND: Reference ground and power ground for all func-
tions.
OUT: This pin is the logic level drive output to the exter-
nal MOSFET driver circuit (similar to SC1301).
VREF: The internal 4V (A) / 5V (B & C) reference output.
This reference is buffered and is available on the VREF
pin. VREF should be bypassed with a 0.47 - 1.0µF ce-
ramic capacitor.
RCT: The oscillator frequency is configured by connect-
ing resistor RT from VREF to RCT and capacitor CT from
RCT to ground. Using the equation below values for RT
and CT can be selected to provide the desired OUT fre-
quency.


=
REF
K
P
V
V
1
ln
CT
RT
1
F
where V
P-K = RCT peak voltage
DMAX: Duty cycle up to 98% can be programmed via R4
and R5 (the resistor divider from Vref in the Application
Circuit). When DMAX pin is taken above 3V, 100% duty
cycle is achieved.
SS: This pin serves two functions. The soft start timing
capacitor connects to SS and is charged by an internal
8µA current source. Under normal soft start SS is dis-
charged to less than 1V and then ramps positive to 1V
during which time the output driver is held low. As SS
charges from 1V to 2V, soft start is implemented by an
increasing output duty cycle. If SS is taken below shut-
down threshold, the output driver is inhibited and held
low. The user accessible voltage reference also goes
low and IDD < 100µA.
VDD: The power input connection for this device. This pin
is shunt regulated at 17.5V which is sufficiently below the
voltage rating of the DMOS output driver stage. VDD
should be bypassed with a 1µF ceramic capacitor.
LUVLO: Line undervoltage lock out pin. An external resis-
tive divider will program the undervoltage lock out level.
During the LUVLO, the Driver outputs are disabled and
the softstart is reset.
SYNC: SYNC is a positive edge triggered input with a
threshold set to 2.1V. In the Bi-Phase operation mode
the SYNC pin should be connected to the CT
(Timing Capacitor) of the second controller. This will force
a out of phase operation. In a single controller opera-
tion, SYNC could be grounded or connected to an exter-
nal synchronization clock with a frequency higher than
the on-board oscillator frequency. The external OSC fre-
quency should be 30% greater for guaranteed SYNC
operation.


Similar Part No. - SC4809A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4809AIMSTR SEMTECH-SC4809AIMSTR Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
SC4809AIMSTRT SEMTECH-SC4809AIMSTRT Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
More results

Similar Description - SC4809A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com