Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4809C Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4809C
Description  High Performance Current Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809C Datasheet(HTML) 2 Page - Semtech Corporation

  SC4809C Datasheet HTML 1Page - Semtech Corporation SC4809C Datasheet HTML 2Page - Semtech Corporation SC4809C Datasheet HTML 3Page - Semtech Corporation SC4809C Datasheet HTML 4Page - Semtech Corporation SC4809C Datasheet HTML 5Page - Semtech Corporation SC4809C Datasheet HTML 6Page - Semtech Corporation SC4809C Datasheet HTML 7Page - Semtech Corporation SC4809C Datasheet HTML 8Page - Semtech Corporation SC4809C Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
n
o
i
t
c
e
S
y
l
p
p
u
S
p
m
a
l
C
D
D
V
n
o
i
s
r
e
v
B
6
15
.
7
19
1V
I
D
D
5
.
15
.
2A
m
I
D
D
g
n
it
r
a
t
S
0
1
1A
µ
)
n
o
i
s
r
e
v
A
(
n
o
i
t
c
e
S
O
L
V
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
5
3
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
3
.
0V
)
n
o
i
s
r
e
v
B
(
n
o
i
t
c
e
S
O
L
V
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
1
12
1V
s
i
s
e
r
e
t
s
y
H
4V
)
n
o
i
s
r
e
v
C
(
n
o
i
t
c
e
S
O
L
V
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
5
5
.
65
9
.
6V
s
i
s
e
r
e
t
s
y
H
5
7
.
0V
n
o
i
t
c
e
S
F
E
R
V
)
n
o
i
s
r
e
v
A
(
F
E
R
VA
m
5
-
0%
3
-4
%
3
+V
)
n
o
i
s
r
e
v
C
,
B
(
F
E
R
VA
m
5
-
0%
3
-5
%
3
+V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
D
D
9
1V
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
5
2A
m
T
C
R
,
X
A
M
D
,
O
L
V
U
,
S
S
V
o
t
V
3
.
0
-
F
E
R
V
3
.
0
+V
F
E
R
V
t
n
e
r
r
u
CI
F
E
R
5
1A
m
O
L
V
U
L
t
n
e
r
r
u
CI
O
L
V
U
L
1
-A
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
3
1
1W
/
C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
)l
e
d
o
m
y
d
o
b
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
Unless specified: V
DD = 12V, CSS =1nF, FOSC = 500kHz, RT = 10K, CT = 100pF, DMAX = 2V,
T
A = TJ = -40ºC to +105ºC.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.


Similar Part No. - SC4809C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4809CIMSTR SEMTECH-SC4809CIMSTR Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
SC4809CIMSTRT SEMTECH-SC4809CIMSTRT Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
More results

Similar Description - SC4809C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com