Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ1580CM-X.X.TR Datasheet(PDF) 4 Page - Semtech Corporation

Part # EZ1580CM-X.X.TR
Description  Dual Input Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1580CM-X.X.TR Datasheet(HTML) 4 Page - Semtech Corporation

  EZ1580CM-X.X.TR Datasheet HTML 1Page - Semtech Corporation EZ1580CM-X.X.TR Datasheet HTML 2Page - Semtech Corporation EZ1580CM-X.X.TR Datasheet HTML 3Page - Semtech Corporation EZ1580CM-X.X.TR Datasheet HTML 4Page - Semtech Corporation EZ1580CM-X.X.TR Datasheet HTML 5Page - Semtech Corporation EZ1580CM-X.X.TR Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2003 Semtech Corp.
www.semtech.com
EZ1580/EZ1581
EZ1582/EZ1583
POWER MANAGEMENT
Notes:
(1) Where -X.X denotes voltage options. Available
voltage is: 2.5V. Leave blank for adjustable version (1.3
to 5.7V).
(2) Only available in tube packaging. A tube contains 50
devices.
(3) Only available in tape and reel packaging. A reel
contains 800 devices.
(4) Lead free product. Where x = 0; 1; 2 or 3.
X.X denotes voltage options.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
PI
OUT
)
A
(
X
.
X
-
T
C
0
8
5
1
Z
En
i
p
-
5
,
0
2
2
-
O
T
)
2
(
7
X
.
X
-
T
C
1
8
5
1
Z
E5
X
.
X
-
T
C
2
8
5
1
Z
E3
X
.
X
-
T
C
3
8
5
1
Z
E5
.
2
R
T
.
X
.
X
-
M
C
0
8
5
1
Z
En
i
p
-
5
,
3
6
2
-
O
T
)
3
(
7
R
T
.
X
.
X
-
M
C
1
8
5
1
Z
E5
R
T
.
X
.
X
-
M
C
2
8
5
1
Z
E3
R
T
.
X
.
X
-
M
C
3
8
5
1
Z
E5
.
2
T
R
T
X
.
X
-
M
C
x
8
5
1
Z
E
)
4
(
-
Pin Configurations
Ordering Information
#
n
i
Pl
o
b
m
y
Se
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1S
N
SE
S
N
E
S
s
i
ti
n
i
p
s
i
h
t
h
ti
W
.
e
c
i
v
e
d
s
i
h
t
r
o
f
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
it
i
s
o
p
e
h
t
s
i
n
i
p
s
i
h
T
.
d
a
o
l
e
h
t
t
a
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
e
s
n
e
s
n
i
v
l
e
K
o
t
e
l
b
i
s
s
o
p
2J
D
AT
S
U
J
D
A
e
s
n
o
p
s
e
r
t
n
e
i
s
n
a
r
T
.
e
c
i
v
e
d
s
i
h
t
r
o
f
e
g
a
tl
o
v
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
it
a
g
e
n
e
h
t
s
i
n
i
p
s
i
h
T
.
d
n
u
o
r
g
o
t
n
i
p
t
s
u
j
d
a
e
h
t
m
o
r
f
r
o
ti
c
a
p
a
c
s
s
a
p
y
b
ll
a
m
s
a
g
n
i
d
d
a
y
b
d
e
v
o
r
p
m
i
e
b
n
a
c
3T
U
OT
U
P
T
U
O
.
b
a
t
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
s
i
n
i
p
s
i
h
T
.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
s
i
h
T
4L
T
CL
O
R
T
N
O
C
s
i
h
t
o
t
n
i
w
o
lf
t
n
e
r
r
u
c
e
h
T
.
e
c
i
v
e
d
e
h
t
r
o
f
y
r
ti
u
c
r
i
c
l
o
r
t
n
o
c
e
h
t
r
o
f
n
i
p
y
l
p
p
u
s
e
h
t
s
i
n
i
p
s
i
h
T
e
g
a
tl
o
v
e
h
t
,
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
e
h
t
r
o
F
.t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
t
f
o
%
1
y
l
e
t
a
m
i
x
o
r
p
p
a
e
b
ll
i
w
n
i
p
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
n
a
h
t
r
e
t
a
e
r
g
V
3
.
1
d
n
a
V
0
.
1
n
e
e
w
t
e
b
e
b
t
s
u
m
n
i
p
s
i
h
t
n
o
5R
W
PR
E
W
O
P
s
i
t
n
e
r
r
u
c
d
a
o
l
t
u
p
u
o
e
h
T
.
3
8
5
1
Z
E
e
h
t
f
o
e
c
i
v
e
d
r
e
w
o
p
e
h
t
o
t
t
u
p
n
i
r
o
t
c
e
ll
o
c
e
h
t
s
i
s
i
h
T
e
b
t
s
u
m
n
i
p
s
i
h
t
n
o
e
g
a
tl
o
v
e
h
t
,
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
e
h
t
r
o
F
.
n
i
p
s
i
h
t
h
g
u
o
r
h
t
d
e
il
p
p
u
s
.t
n
e
r
r
u
c
d
a
o
l
n
o
p
u
g
n
i
d
n
e
p
e
d
,
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
n
a
h
t
r
e
t
a
e
r
g
V
8
.
0
d
n
a
V
1
.
0
n
e
e
w
t
e
b
Pin Descriptions
Block Diagram
n
i
Pn
o
i
t
c
n
u
F
1S
N
S
2J
D
A
3T
U
O
4L
T
C
5R
W
P
T
U
O
s
i
b
a
T


Similar Part No. - EZ1580CM-X.X.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580CM-X.X.TR SEMTECH-EZ1580CM-X.X.TR Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
More results

Similar Description - EZ1580CM-X.X.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com