Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38275E1-XXXGP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38275E1-XXXGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38275E1-XXXGP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38275E1-XXXGP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38275E1-XXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M38277M8MXXXFP
SEG9
C2
VL2
VL3
COM0
COM1
COM2
VREF
AVSS
VCC
SEG8
SEG0
SEG1
SEG2
SEG4
SEG5
SEG6
SEG7
SEG3
P72
P73
P71
P70/INT0
XCIN
XCOUT
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P21
P16
P22
P20
P17
RESET
COM3
DESCRIPTION
The 3827 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3827 group has the LCD drive control circuit, the A-D/D-A
converter, the UART, and the PWM as additional functions.
The various microcomputers in the 3827 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
For details on availability of microcomputers in the 3827 group, re-
fer to the section on group expansion.
FEATURES
qBasic machine-language instructions ...................................... 71
qThe minimum instruction execution time ........................... 0.5
µs
(at 8MHz oscillation frequency)
qMemory size
ROM ................................................................. 4 K to 60 K bytes
RAM ................................................................. 192 to 2048 bytes
qProgrammable input/output ports ............................................ 55
qOutput port ................................................................................. 8
qInput port .................................................................................... 1
qInterrupts ................................................. 17 sources, 16 vectors
(includes key input interrupt)
qTimers ........................................................... 8-bit ! 3, 16-bit ! 2
qSerial I/O1 .................... 8-bit ! 1 (UART or Clock-synchronized)
qSerial I/O2 ...................................8-bit ! 1 (Clock-synchronized)
qPWM output .................................................................... 8-bit ! 1
qA-D converter ............................................... 10-bit ! 8 channels
qD-A converter ................................................. 8-bit ! 2 channels
qLCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ........................................................................... 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 40
q2 Clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qWatchdog timer ............................................................ 14-bit ! 1
qPower source voltage ................................................ 2.2 to 5.5 V
qPower dissipation
In high-speed mode .......................................................... 40 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range ................................... – 20 to 85
°C
APPLICATIONS
Camera, wireless phone, etc.
3827 Group
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 1 M38277M8MXXXFP pin configuration
PIN CONFIGURATION (TOP VIEW)
Package type : 100P6S-A (100-pin plastic-molded QFP)


Similar Part No. - M38275E1-XXXGP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38275E1-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com