Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808C Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4808C
Description  High Performance Dual Ended PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808C Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4808C Datasheet HTML 4Page - Semtech Corporation SC4808C Datasheet HTML 5Page - Semtech Corporation SC4808C Datasheet HTML 6Page - Semtech Corporation SC4808C Datasheet HTML 7Page - Semtech Corporation SC4808C Datasheet HTML 8Page - Semtech Corporation SC4808C Datasheet HTML 9Page - Semtech Corporation SC4808C Datasheet HTML 10Page - Semtech Corporation SC4808C Datasheet HTML 11Page - Semtech Corporation SC4808C Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC4808C
POWER MANAGEMENT
SYNC/Bi-Phase operation
In noise sensitive applications where synchronization of
the oscillator frequency to a reference frequency is required,
the SYNC pin can accept the external clock. By connecting
an external control signal to the SYNC pin, the internal os-
cillator frequency will be synchronized to the positive edge
of the external control signal. SYNC is a positive edge trig-
gered input with a threshold set to 1.0V (SC4808C).
In a single controller operation, SYNC should be grounded
or connected to an external synchronization clock within
the SYNC frequency range.
U2
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
Cosc1
U1
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
REF
Rosc2
REF
Rosc1
Cosc2
In the Bi-phase operation mode a very unique oscillator is
utilized to allow two SC4808C’s to be synchronized together
and work out of phase. This feature is set up by a simple
connection of the SYNC input to the RC pin of the other
part. The fastest oscillator automatically becomes the
master, forcing the two PWMs to operate out of phase. This
feature minimizes the input and output ripples, and reduces
stress on the capacitors.
Application Information (Cont.)
FEED BACK
The error signal from the output of an external error ampli-
fier such as SC431 or SC4431 is applied to the inverting
input of the PWM comparator at the FB pin either directly
or via an opto coupler for the isolated applications. For best
stability, keep the FB trace length as short as possible.
C39
22n
C38
0.1u
Vref
SC4431
1
2
4
5
R35
C36
C35
R34
R36
R38
C37
R32
Vout
Vout
C40
22pF
R37
2.2k
MOCD207
3
4
6
5
Vref
FB
The signal at the FB pin is then compared to the 3X ampli-
fied signal from the current sense/ slope compensation
CS pin. Matched out of phase signals are generated to
control the OUTA and OUTB gate drives of the two phases.
A single ramp signal is used to generate the control sig-
nals for both phases, hence achieving a tightly matched
per phase operation.
Voltages below 1.5V at the FB pin, will produce a 0% duty
cycle at the OUTA/OUTB gate drives. This offset is to pro-
vide enough head room for the opto coupler used in iso-
lated applications.
GATE DRIVERS
OUTA and OUTB are out of phase bipolar gate drive output
stages, that are supplied from VCC and provide a peak
source/sink current of about 100mA. Both stages are ca-
pable of driving the logic input of external MOSFET drivers
or a NPN/PNP transistor buffer. The output stages switch
at half the oscillator frequency. When the voltage on the
RC pin is rising, one of the two outputs is high, but during
fall time, both outputs are off. This “dead time” between
the two outputs, along with a slower output rise and fall
time, insures that the two outputs can not be on at the
same time. The dead time is programmable and depends
upon the timing capacitor.
OUTA (PWM1)
OUTB (PWM1)
OUTA (PWM2)
OUTB (PWM2)


Similar Part No. - SC4808C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTR SEMTECH-SC4808AIMSTR Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808AIMSTRT SEMTECH-SC4808AIMSTRT Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-1 SEMTECH-SC4808B-1 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com