Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC190DEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC190DEVB
Description  Synchronous Buck Converter with Programmable Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190DEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC190DEVB Datasheet HTML 5Page - Semtech Corporation SC190DEVB Datasheet HTML 6Page - Semtech Corporation SC190DEVB Datasheet HTML 7Page - Semtech Corporation SC190DEVB Datasheet HTML 8Page - Semtech Corporation SC190DEVB Datasheet HTML 9Page - Semtech Corporation SC190DEVB Datasheet HTML 10Page - Semtech Corporation SC190DEVB Datasheet HTML 11Page - Semtech Corporation SC190DEVB Datasheet HTML 12Page - Semtech Corporation SC190DEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Applications Information (Cont.)
Output Filter
The SC190 series of synchronous step-down converters
have internal loop compensation. The internal
compensation is designed to work with a certain output
filter corner frequency defined by the equation:
The internal compensation is optimized to operate with
an output filter, L=4.7µH & COUT = 10µF. When selecting
output filter components the LC product should not vary
over a wide range.
Table 1: Output Filter combinations
L(µH)
C
OUT(µF)
4.7
4.7
4.7
10
10
10
Inductor Selection
As previously stated the value of the inductor should be in
the range 4.7µH to 10µH. The magnitude of the inductor
current ripple is dependant on the inductor value and can
be determined by the following equation:
This equation demonstrates the relationship between
V
IN,VOUT & IL. The inductor ripple current decreases with
higher inductance & increases with higher V
IN or VOUT .
To maximize efficiency the inductor should have a low
DCR to minimize the conduction losses. As a minimum
requirement the DC current rating of the inductor should
be equal to the maximum load current plus half of the
inductor current ripple and can be determined by the
following equation:
The selection of smaller inductor & capacitor values will
move the corner frequency, having an impact on system
stability. Due to this issue the practical lower limit for the
inductor value is 4.7µH.
Alternatively, set the inductor saturation current to be
greater than the switch current limit as a maximum
limit. I
SAT > PMOS. Final inductor selection will depend
on various design considerations such as efficiency, EMI,
size and cost. Table 2 lists the manufacturers of practical
inductor options.
Table 2 - Recommended Inductors
Manufacturer
Part Number
Value
(µH)
DCR (Ω)
Rated
Current (A)
Saturation
Current (A)
Tolerance
%
Dimensions
(LxWxH mm)
TDK
LDR655312T-4R7W
4.7
0.206
0.9
-
20
6.5 x 5.3 x 1.2
Sumida
CDRH3D16LD
4.7
0.073
0.68
-
30
4 x 4 x 1.8
Taiyo Yuden
LMNP04SB100M
10
0.066
0.9
-
20
5 x 5 x 2
Coilcraft
LPS3015
10
0.044
-
0.65
20
3 x 3 x 1.5
Coilcraft
LP06610-103M
10
0.41
-
0.8
20
6.9 x 3.8 x 1.0
C
L
2
1
fc
π
=
f
L
Vi
Vo
1
Vo
IL
 −
=
2
IL
(max)
Iout
ILpk
+
=


Similar Part No. - SC190DEVB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
   Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905A-00A00E MAXIM-SC1905A-00A00E Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC190DEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
logo
ON Semiconductor
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com