Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4503 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4503
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4503 Datasheet HTML 1Page - Semtech Corporation SC4503 Datasheet HTML 2Page - Semtech Corporation SC4503 Datasheet HTML 3Page - Semtech Corporation SC4503 Datasheet HTML 4Page - Semtech Corporation SC4503 Datasheet HTML 5Page - Semtech Corporation SC4503 Datasheet HTML 6Page - Semtech Corporation SC4503 Datasheet HTML 7Page - Semtech Corporation SC4503 Datasheet HTML 8Page - Semtech Corporation SC4503 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4503
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
*Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
Electrical Characteristics
Absolute Maximum Ratings
Unless specified: V
IN = VSHDN/SS = 3V, -40°C < TA = TJ < 85°C
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to 20
V
SW Voltage
V
SW
-0.3 to 34
FB Voltages
V
FB
-0.3 to V
IN +0.3
SHDN/SS Voltage
V
SHDN
-0.3 to V
IN +1
Thermal Resistance Junction to Ambient (TSOT - 23)
θ
JA
191*
°C/W
Thermal Resistance Junction to Ambient (2X2 mm MLPD-W)
θ
JA
78*
°C/W
Maximum Junction Temperature
T
J
150
°C
Storage Temperature Range
T
STG
-65 to +150
Lead Temperature (Soldering)10 sec (TSOT - 23)
T
LEAD
260
Peak IR Reflow Temperature (2X2mm MLPD-W)
T
IR
260
ESD Rating (Human Body Model)
ESD
2000
V
Parameter
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout Threshold
2.2
2.5
V
Maximum Operating Voltage
20
Feedback Voltage
1.225
1.250
1.275
Feedback Line Voltage Regulation
2.5V < V
IN < 20V
0.02
%/V
FB Pin Bias Current
-25
-50
nA
Switching Frequency
1.15
1.30
1.55
MHz
Minimum Duty Cycle
0
%
Maximum Duty Cycle
86
90
Switch Current Limit
1.4
1.9
2.5
A
Switch Saturation Voltage
I
SW = 1.4A
260
430
mV
Switch Leakage Current
V
SW = 5V
0.01
1
µA
V
IN Quiescent Supply Current
V
SHDN/SS = 2V, VFB = 1.5V (not switching)
0.8
1.1
mA
V
IN Supply Current in Shutdown
V
SHDN/SS = 0
0.01
1
µA


Similar Part No. - SC4503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results

Similar Description - SC4503

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
   2A, 1.3MHz Step-Up Converter
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com