Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4508ABUCKEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4508ABUCKEVB
Description  Buck or Buck-Boost (Inverting) Current Mode Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4508ABUCKEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4508ABUCKEVB Datasheet HTML 7Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 8Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 9Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 10Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 11Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 12Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 13Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 14Page - Semtech Corporation SC4508ABUCKEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4508A
0
5
10
15
20
0
20
40
FOM:100*10^{-12}
FOM:200*10^{-12}
FOM:500*10^{-12}
On-resistance (mOhm)
50
1
Cg 100 Rds
,
()
Cg 200 Rds
,
()
Cg 500 Rds
,
()
20
1
Rds
Figure 5. Figure of Merit curves.
The closer the curve is to the origin, the lower is the FOM.
This means lower switching loss or lower conduction loss
or both. It may be difficult to find MOSFETs with both low
C
g and low Rds(on. Usually a trade-off between Rds(on and
C
g has to be made.
MOSFET selection also depends on applications. In many
applications, either switching loss or conduction loss
dominates for a particular MOSFET. For buck and buck-
boost converters with high input to output voltage ratios,
the MOSFET is hard switched but conducts with very low
duty cycle. For such applications, MOSFETs with low C
g
should be used.
MOSFET power dissipation consists of:
a) conduction loss due to the channel resistance R
ds(on),
b) switching loss due to the switch rise time t
r and fall
time t
f, and
c) the gate loss due to the gate resistance R
G.
The RMS value of the MOSFET switch current is calculated
as:
)
1
(
D
I
I
12
dc
Qrms
2
δ
+
=
The conduction losses are then
P
tc = IQrms
2
R
ds(on)
Idc is average inductor current. In buck converter, it is
also load current. In buck-boost, it is load current divided
by 1-D.
R
ds(on) varies with temperature and gate-source voltage.
Curves showing R
ds(on) variations can be found in
manufacturers’ data sheet. From the FDS6675
datasheet, R
ds(on) is less than 14mΩ when Vgs is greater
than 10V. However R
ds(on) increases by 30% as the
junction temperature increases from 25oC to 110oC.
The switching losses can be estimated using the simple
formula:
s
in
dc
2
f
r
2
1
ts
f
V
I)
1
)(
t
t
(
P
δ
+
+
=
where t
r is the rise time and tf is the fall time of the
switching process. Different manufacturers have
different definitions and test conditions for t
r
and t
f
. To
clarify these, we sketch the typical MOSFET switching
characteristics under clamped inductive mode in Figure
6.
Figure 6. MOSFET switching characteristics
In Figure 6,
Q
gs1 is the gate charge needed to bring the gate-to-source
voltage V
gs to the threshold voltage Vgs_th,
Q
gs2 is the additional gate charge required for the switch
current to reach its full-scale value I
ds
.
and
Q
gd is the charge needed to charge gate-to-drain (Miller)
capacitance when V
ds is falling.
Switching losses occur during the time interval [t
1, t3].
Defining t
r = t3-t1 and tr can be approximated as:
gsp
cc
gt
gd
2
gs
r
V
V
R
)
Q
Q
(
t
+
=
where R
gt is the total resistance from the driver supply
rail to the gate of the MOSFET. It includes the gate driver
internal impedance R
gi, external resistance Rge and the
gate resistance R
g within the MOSFET i.e.
R
gt = Rgi+Rge+Rg
V
gsp is the Miller plateau voltage shown in Figure 11.
Similarly an approximate expression for t
f is:
Application Information (Cont.)


Similar Part No. - SC4508ABUCKEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
SC4508IMLTRT SEMTECH-SC4508IMLTRT Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
More results

Similar Description - SC4508ABUCKEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
logo
THine Electronics, Inc.
THV1031 THINE-THV1031 Datasheet
18Kb / 1P
   3ch Buck, Boost and Inverting Controller
THV1021E THINE-THV1021E Datasheet
17Kb / 1P
   2ch Buck, Boost and Inverting Controller
THV1021 THINE-THV1021 Datasheet
19Kb / 1P
   2ch Buck/Boost Inverting
logo
Maxim Integrated Produc...
MAX25612EVKIT MAXIM-MAX25612EVKIT Datasheet
652Kb / 6P
   Configured for Boost or Buck-Boost Mode
Rev 0; 9/19
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
THine Electronics, Inc.
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
   2ch Buck/Boost Controller
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com