Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M23C Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82M23C
Description  3/5-Key USBPS/2 Optical Mouse Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M23C Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82M23C Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HT82M23B/HT82M23C Application Circuit is for Reference Only
Note:
Layout 0.1
mF capacitor, 33W resistor and 0.01mF capacitor as close to VDD pin as possible.
HT82M23A/HT82M23B/HT82M23C
Rev. 1.10
7
January 22, 2007
H T 8 2 M 2 3 B / C
1
2
3
4
5
6
7
8
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
S E L 1
S D I O
S C L K
V D D
U S B -
U S B +
V S S
5 k W
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
S E L 0
9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
M B
R B
L B
1
2
3
4
3 3 p F
3 3 p F
1 . 5 k W
3 3 W
3 3 W
0 . 1 m F
6 M H z
1 M W
3 0 p F
3 0 p F
0 . 1 m F
1 0 0 k W
0 . 0 1 m F
1 0 m F
V D D
3 3 W
0 . 1 m F
A
B
C
R E F A
R E F B
X Y _ L E D
P D
S D I O
S C L K
G N D
G N D
R _ B I N
O S C _ I N
O S C _ O U T
X B
X A
Y B
Y A
V D D
1 5 k W
1 8 . 4 3 2 M H z
7
8
6
1 5
1 6
1
1 2
1 0
1 4
9
1 1
3
2
4
5
2 . 2 m F
0 . 1 m F
A D N S 2 0 5 1
0 . 1 m F
5 k W
S D I O
S C L K
S W 2
S W 1
1 3
S D I O
S C L K
N o t e : S W 1 = o p e n : 8 0 0 D P I ( d e f a u l t )
S W 1 = c l o s e : 4 0 0 D P I
S W 2 = o p e n : Z / 2 ( d e f a u l t )
S W 2 = c l o s e : Z / 4
1 0 k W
0 W
N o t e :
V D D
2 4 M H z
1
2
2 . 2 m F
A D N S 2 6 1 0
0 . 1 m F
7
S D I O
S C L K
G N D
O S C _ I N
O S C _ O U T
R E F A
X Y _ L E D
S D I O
S C L K
5
3
4
8
6
1 0 0 W
1 0 0 k W
1 k W
S W 1 = o p e n : 4 0 0 D P I ( d e f a u l t )
S W 1 = c l o s e : 8 0 0 D P I - b y f i r m w a r e
S W 2 = o p e n : Z / 2 ( d e f a u l t )
S W 2 = c l o s e : Z / 4
H T 8 2 M 2 3 B / C
1
2
3
4
5
6
7
8
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
S E L 1
S D I O
S C L K
V D D
U S B -
U S B +
V S S
5 k W
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
S E L 0
9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
M B
R B
L B
1
2
3
4
3 3 p F
3 3 p F
1 . 5 k W
3 3 W
3 3 W
0 . 1 m F
6 M H z
1 M W
3 0 p F
3 0 p F
0 . 1 m F
1 0 0 k W
0 . 0 1 m F
1 0 m F
V D D
3 3 W
0 . 1 m F
A
B
C
5 k W
S D I O
S C L K
S W 2
S W 1
1 0 k W


Similar Part No. - HT82M23C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M22A HOLTEK-HT82M22A Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
More results

Similar Description - HT82M23C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com