Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7226IDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7226IDWR
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7226IDWR Datasheet(HTML) 4 Page - Texas Instruments

  TLC7226IDWR Datasheet HTML 1Page - Texas Instruments TLC7226IDWR Datasheet HTML 2Page - Texas Instruments TLC7226IDWR Datasheet HTML 3Page - Texas Instruments TLC7226IDWR Datasheet HTML 4Page - Texas Instruments TLC7226IDWR Datasheet HTML 5Page - Texas Instruments TLC7226IDWR Datasheet HTML 6Page - Texas Instruments TLC7226IDWR Datasheet HTML 7Page - Texas Instruments TLC7226IDWR Datasheet HTML 8Page - Texas Instruments TLC7226IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TLC7226C, TLC7226I, TLC7226M
QUADRUPLE 8BIT DIGITALTOANALOG CONVERTERS
SLAS060E − JANUARY 1995 − REVISED JANUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
11.4
16.5
V
Supply voltage, VSS
− 5.5
0
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref
0
VDD −4
V
Load resistance, RL
2
k
Setup time, address valid before WR
↓, tsu(AW) (see Figure 1)
VDD = 11.4 V to 16.5 V
*0
ns
Setup time, data valid before WR
↑, tsu(DW) (see Figure 1)
VDD = 11.4 V to 16.5 V
*45
ns
Hold time, address valid after WR
↑, th(AW) (see Figure 1)
VDD = 11.4 V to 16.5 V
*0
ns
Hold time, data valid after WR
↑, th(DW) (see Figure 1)
VDD = 11.4 V to 16.5 V
*10
ns
Pulse duration, WR low, tw (see Figure 1)
VDD = 11.4 V to 16.5 V
*50
ns
C suffix
0
70
Operating free-air temperature, TA
I suffix
−25
85
°C
Operating free-air temperature, TA
M suffix
−55
125
C
* This parameter is not tested for M suffix devices.
electrical characteristics over recommended operating free-air temperature range
dual power supply over recommended power supply and reference voltage ranges, AGND = DGND = 0 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Input current, digital
VI = 0 V or VDD
±1
µA
I(DD)
Supply current
VI = 0.8 V or 2.4 V,
VSS = − 5 V,
VDD = 16.5 V,
No load
6
16
mA
I(SS)
Supply current
VI = 0.8 V or 2.4 V, No load
4
10
mA
ri(ref)
Reference input resistance
2
4
k
Power supply sensitivity
∆VDD = ±5%
0.01
%/%
All 0s loaded
C and I suffix
65
REF input
All 0s loaded
M suffix
*30
Ci
Input capacitance
REF input
All 1s loaded
*300
pF
Ci
Input capacitance
Digital inputs
C and I suffix
8
pF
Digital inputs
M suffix
*12
* This parameter is not tested for M suffix devices.


Similar Part No. - TLC7226IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7226IDWR TI1-TLC7226IDWR Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226IDWRG4 TI1-TLC7226IDWRG4 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7226IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com