Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2544 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 5Page - Semtech Corporation SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
The inductor current is sensed by using the low side
MOSFET R
ds(on) .
After low side MOSFET is turned
on, the OCP comparator starts monitoring the
voltage drop across the MOSFET. The OCP trip
level is programmed by the resistor from the ILIM
pin to the phase node. There is an internal current
source that flows out of the ILIM pin which will
generate a voltage drop on the setting resistor.
When the sum of the setting resistor voltage and
the MOSFET drain to source voltage is less then
zero, the OCP condition will be flagged. This
functionality is depicted in Figure 2.
The following formula is used to set the OCP level
Figure 2. Block diagram of over current
protection.
Figure 3. OCP comparator timing chart.
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
_(
)
10
ILIM
L PEAK
DS ON
AR
I
R
µ ×=
×
When OCP is tripped, both high side and low side
MOSFETs will be turned off and this condition is
latched. At the same time, the soft start cap will
be discharged by the internal current source of
15uA. When the Vss drops bellow 0.65V, the DRVL
pin will go high again.
To avoid switching noise during the phase node
commutation, a 100nS blanking time is built in
after the low side MOSFET is turned on, as shown in
Fig. 3.
10uA
OCP
DRVL
ILIM
+
-
Out
OUTPUT
VCC
DRVH
U
U
U
U
Under V
nder V
nder V
nder V
nder Voltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVLO)
O)
O)
O)
O)
The UVLO circuitry monitors Vcc and the soft start
begins once Vcc ramps up above 4.5V. There is a
built in 200mV hysteresis for the UVLO ramp down
threshold. The gate driver output will be in “tri-
state” (both high side and low side MOSFET off)
once Vcc ramps down bellow 4.2V (typical), and the
soft start cap will be discharged by internal 15uA
current sink.
Ov
Ov
Ov
Ov
Over V
er V
er V
er V
er Voltage Pr
oltage Pr
oltage Pr
oltage Pr
oltage Proooootttttection (O
ection (O
ection (O
ection (O
ection (OVP)
VP)
VP)
VP)
VP)
The OVP circuitry monitors the feedback voltages,
If either feedback voltage exceeds 0.89V, the OVP
condition is registered. Under this condition, the
DRVH pins will be pulled low, and the DRVL pins will
be pulled high. This will create a “crow bar” condi-
tion for the input power rail in case the high side
MOSFET is failed short. The crow bar operation
may trip the input supply to prevent the load from
seeing more voltage.
P
PP
PPooooow
w
w
w
wer Good Output
er Good Output
er Good Output
er Good Output
er Good Output
The power good is an open collector output. The
PWRGD pin is pulled low at start up if any of the
two feedback voltages below 90% of its regulation
level. The ramp down threshold of the signal is 80%
of the regulation target. External pull up is re-
quired for the PWRGD pin, and the pull up resistor
should be chosen such that the pin does not sink
more than 2mA when PWRGD is low.
TG
I
L
100n S
Bla n k in g
OC P Active
TG
I
L
100n S
Bla n k in g
OC P Active
Applications Information (Cont.)


Similar Part No. - SC2544

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
logo
Semtech Corporation
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542EVB SEMTECH-SC2542EVB Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542TETRT SEMTECH-SC2542TETRT Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2544

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com