Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4808B-1MSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4808B-1MSTRT
Description  High Performance Dual Ended PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-1MSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4808B-1MSTRT Datasheet HTML 7Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 8Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 9Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 10Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 11Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 12Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 13Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 14Page - Semtech Corporation SC4808B-1MSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC4808B-1
POWER MANAGEMENT
VCC UNDER VOLTAGE LOCK OUT
Depending on the application and the voltages available,
the SC4808B-1 (UVLO = 4.4V) can be used to provide the
VCC undervoltage lock out function to ensure the convert-
ers controlled start up.
Before the VCC UVLO has been reached, the internal refer-
ence, oscillator, OUTA/OUTB drivers, and logic are disabled.
LINE UNDER VOLTAGE LOCK OUT
The SC4808B-1 also provides a line undervoltage (LUVLO
= Vref) function. The LUVLO pin is programmed via an ex-
ternal resistor divider connected as shown below. The ac-
tual start-up voltage can be calculated by using the equa-
tion below:
()
33
R
33
R
23
R
V
V
REF
Startup
+
×
=
R27
15k
R24 10k
200p
C31
VCC
R26
2.2k
R28
10
2.2u,16V
C26
82p
C29
15
REF
0.1u,25V
C33
R25 18
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
R23
56.2k
Vin
REFERENCE
A 3.125V(SC4808B-1) reference voltage is available that
can be used to source a typical current of 5mA to the ex-
ternal circuitry. The Vref can be used to provide the oscilla-
tor RC network with a regulated bias.
Application Information (Cont.)
OSCILLATOR
The oscillator frequency is set by connecting a RC network
as shown below.
0
R27
15k
0
200p
C31
VCC
R28
10
2.2u,16V
C26
REF
0.1u,25V
C33
R33
10k
SYNC
U4
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
R23
56.2k
Vin
The oscillator has a ramp voltage of about Vref/2. The os-
cillator frequency is twice the frequency of the OUTA and
OUTB gate drive controls.
The oscillator capacitor C31 is charged by a current sourced
from the Vref through R27. Once the RC pin reaches about
Vref/2, the capacitor is discharged internally by the
SC4808B-1. It should be noted that larger capacitor val-
ues will result in a longer dead time during the down slope
of the ramp.
The following equation can be used as an approximation
of the oscillator frequency and the Dead time:
8
.
0
1
_
×
TOT
OSC
A
OSC
C
R
F
9
.
0
1
_
×
TOT
OSC
B
OSC
C
R
F
where:
Circuit
SC
OSC
TOT
C
C
C
C
+
+
=
4808
pF
C
SC
22
4808
3
10
3
5
.
0
×
×
REF
OSC
deadtime
V
C
T
The recommended range of timing resistors is between 10
kohm and 200kohm, range of timing capacitors is between
100pF and 1000pF. Timing resistors less than 10 kohm
should be avoided.


Similar Part No. - SC4808B-1MSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2MSTRT SEMTECH-SC4808B-2MSTRT Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
More results

Similar Description - SC4808B-1MSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4808C SEMTECH-SC4808C Datasheet
381Kb / 24P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2 Datasheet
439Kb / 28P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A_16 Datasheet
473Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808A SEMTECH-SC4808A Datasheet
468Kb / 31P
   High Performance Dual Ended PWM Controller
SC4808B-2 SEMTECH-SC4808B-2_09 Datasheet
802Kb / 28P
   High Performance Dual Ended PWM Controller
logo
IXYS Corporation
IXMS150PSI IXYS-IXMS150PSI Datasheet
464Kb / 10P
   High Performance Dual PWM Microstepping Controller
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com