Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC473 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 4Page - Semtech Corporation SC473 Datasheet HTML 5Page - Semtech Corporation SC473 Datasheet HTML 6Page - Semtech Corporation SC473 Datasheet HTML 7Page - Semtech Corporation SC473 Datasheet HTML 8Page - Semtech Corporation SC473 Datasheet HTML 9Page - Semtech Corporation SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation SC473 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Pin Descriptions
SC473
Pin Configuration
Pin Description
Pin #
Pin Name
1
VID4
VID most significant bit
2
VID3
3
VID2
4
VID1
5
VID0
VID least significant bit
6
HYS
Core comparator hysteresis - a resistor divider from VREF to AGND on this pin sets the
hysteresis voltage
7
CLSET
Current limit set - a resistor divider from VREF to AGND on this pin sets the OCP threshold
8
VREF
Internal reference voltage (2V) - bypass to AGND with a 1000pF NPO ceramic capacitor
9
AGND
Quiet ground for analog control circuits
10
ERROUT
Error amplifier compensation pin
11
FB-
Remote GND sense - connect to VSS_Sense at the CPU socket
12
SS
Soft-start. The external NPO ceramic capacitor at this pin defines the soft-start ramp
13
FB+
Remote die sense of core voltage - connect to VCC_Sense at the CPU socket
14
CS-
Inverting input to Current-Sense amplifier
15
CS+
Non-inverting input to Current-Sense amplifier
16
RAMP
An external R-C defines the internal slope ramp
17
EN
Enable control pin - active high
18
PWRGD
Power good indicator, active high, open drain output
19
PMON
Power Monitor output
20
V5
Input supply for both control circuits and gate drive. Connect to 5V and decouple with at least
1μF ox X5R ceramic capacitance
21
BG
Output drive for the synchronous MOSFET
22
DRN
Inductor switching node - connect to the junction of the switching and synchronous
MOSEFETs
23
TG
Output drive for the switching MOSFET
24
BST
Bootstrap pin - a capacitor is connected between BST and DRN to develop the floating
voltage for the switching MOSFET
Thermal Pad
Power ground for driver - connect with at least two vias to the system GND plane


Similar Part No. - SC473

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470EVB SEMTECH-SC470EVB Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470IMLTRT SEMTECH-SC470IMLTRT Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470ITSTRT SEMTECH-SC470ITSTRT Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC473

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
   Single-Phase Single Chip Graphics Core Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
   Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
   Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
   Single Phase Power Supply
logo
Semtech Corporation
SC454 SEMTECH-SC454_09 Datasheet
41Kb / 1P
   Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
   Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
logo
Carlo Gavazzi Holding A...
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
   Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com