Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G157GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G157GM
Description  Single 2-input multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G157GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 13Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 14Page - NXP Semiconductors 74LVC1G157GM Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74LVC1G157_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 July 2007
11 of 15
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
Fig 12. Package outline SOT886 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT886
MO-252
SOT886
04-07-15
04-07-22
DIMENSIONS (mm are the original dimensions)
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
1.5
1.4
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
6
2
5
3
4
6
×
(2)
4
×
(2)
A


Similar Part No. - 74LVC1G157GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157GM NXP-74LVC1G157GM Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GM NXP-74LVC1G157GM Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GM NEXPERIA-74LVC1G157GM Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
More results

Similar Description - 74LVC1G157GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com