Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2542 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2542 Datasheet HTML 1Page - Semtech Corporation SC2542 Datasheet HTML 2Page - Semtech Corporation SC2542 Datasheet HTML 3Page - Semtech Corporation SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
)
1
(
T
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
E
T
2
4
5
2
C
S
)
2
(
P
D
E
-
8
2
-
P
O
S
S
T5
8
+
o
t
0
4
-
B
V
E
2
4
5
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
Marking Information
yyww = Date Code (Example: 0012)
xxxxx = Semtech Lot No. (Example: P94A01)
(TOP VIEW)
SC2542TE
yyww
xxxxxx
SC2542TE
yyww
xxxxxx
1
2
3
4
5
6
7
8
AGND
VIN
TOP VIEW
(28 Pin TSSOP-EDP)
27
28
15
16
5VSBY
VCC
ROSC
EN
PWRGD
STBY
FB2
FB1
ERROUT2
ERROUT1
MINSET2
MINSET1
SS2
SS1
9
10
22
ILIM2
ILIM1
BST2
BST1
21
18
17
19
20
11
12
24
DRVH2
DRVH1
PHASE2
PHASE1
23
25
26
13
14
DRVL2
DRVL1
PVCC
PGND
1
2
3
4
5
6
7
8
AGND
VIN
TOP VIEW
(28 Pin TSSOP-EDP)
27
28
15
16
5VSBY
VCC
ROSC
EN
PWRGD
STBY
FB2
FB1
ERROUT2
ERROUT1
MINSET2
MINSET1
SS2
SS1
9
10
22
ILIM2
ILIM1
BST2
BST1
21
18
17
19
20
11
12
24
DRVH2
DRVH1
PHASE2
PHASE1
23
25
26
13
14
DRVL2
DRVL1
PVCC
PGND


Similar Part No. - SC2542

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
logo
Semtech Corporation
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545EVB SEMTECH-SC2545EVB Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545MLTRT SEMTECH-SC2545MLTRT Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2542

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com