Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC416 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 2Page - Semtech Corporation SC416 Datasheet HTML 3Page - Semtech Corporation SC416 Datasheet HTML 4Page - Semtech Corporation SC416 Datasheet HTML 5Page - Semtech Corporation SC416 Datasheet HTML 6Page - Semtech Corporation SC416 Datasheet HTML 7Page - Semtech Corporation SC416 Datasheet HTML 8Page - Semtech Corporation SC416 Datasheet HTML 9Page - Semtech Corporation SC416 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SC416
6
Electrical Characteristics (continued)
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
PGDx Leakage
1μA
Fault Protection
VDD1 Under-Voltage Lockout
VDD1 Falling Edge
4.0
3.7
4.35
V
VOUTx Under-Voltage Fault
VOUTx Falling Edge
-30
-35
-25
%
VOUTx Under-Voltage Fault Delay (2)
8
clks
VOUTx Over-Voltage Fault
+20
+17
+23
%
VOUTx Over-Voltage Fault Delay (2)
5μs
Thermal Shutdown (2)
Latching,
>10°C Hysteresis
160
°C
Inputs/Outputs
EN1, EN2 Input Low Voltage
VOUTx Disabled
1.2
V
ENx Input -
Forced Continuous Mode Operation
ENx = Open (float)
2.0
V
ENx Input High Voltage
VOUTx Enabled,
Power Save Enabled
3.1
V
ENx Input Resistance
R Pull Up to VDDx
1.5
R Pull Down to RTN
1
FBx Input Low Voltage
0.3
V
FBx Input High Voltage
VDDx -0.3
V
Power Good Output Low Voltage
R
PGDx
= 10kΩ to VDDx
0.4
V
Gate Drivers
Shoot-Thru Protection Delay(2)
DHx or DLx Rising
30
ns
DLx Pull-Down Resistance
DL Low
0.8
1.6
Ω
DLx Sink Current (2)
V
DLx
= 2.5V
3.1
A
DLx Pull-Up Resistance
DLx High
2
4
Ω
DLx Source Current (2)
V
DLx
= 2.5V
1.3
A
DHx Pull-Down Resistance
DHx Low,
BSTx - LXx = 5V
24
Ω
DHx Pull-Up Resistance(3)
DHx High,
BSTx - LXx = 5V
24
Ω
DHx Sink/Source Current (2)
V
DHx
= 2.5V
1.3
A
Notes:
1) RTON = 1Meg.
2) Guaranteed by design.
3) Semtech’s SmartDriver™ FET drive first pulls DH high with a pull-up resistance of 10Ω (typical) until LX = 1.5V (typical). At this point, an additional pull-up device is
activated, reducing the resistance to 2Ω (typical). This negates the need for an external gate or boost resistor.


Similar Part No. - SC416

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC416R MSPI-SC416R Datasheet
52Kb / 1P
   Voltage Rating 4 to 16 VDC
More results

Similar Description - SC416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Texas Instruments
TPS40056 TI-TPS40056 Datasheet
769Kb / 31P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Texas Instruments
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Linear Technology
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com