Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC560 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC560
Description  Dual Output Low Noise LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560 Datasheet(HTML) 2 Page - Semtech Corporation

  SC560 Datasheet HTML 1Page - Semtech Corporation SC560 Datasheet HTML 2Page - Semtech Corporation SC560 Datasheet HTML 3Page - Semtech Corporation SC560 Datasheet HTML 4Page - Semtech Corporation SC560 Datasheet HTML 5Page - Semtech Corporation SC560 Datasheet HTML 6Page - Semtech Corporation SC560 Datasheet HTML 7Page - Semtech Corporation SC560 Datasheet HTML 8Page - Semtech Corporation SC560 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC560
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC560xULTRT(1)(2)(3)
MLPQ-UT8 1.5×1.5
SC560xEVB(3)
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Available in lead-free package only. Device is WEEE and RoHS
compliant.
(3)
The device variant is denoted by the x.
1
2
3
4
5
6
7
8
TOP VIEW
0n
yw
Pinout and Voltage Options
Device
Pin Options
Output Voltage
Options
Part
No.
Code
Pin 4
Pin7
Pin 8
V
LDOA
V
LDOB
SC560A
FBA
BYP
FBB
ADJ
ADJ
0A
SC560B
FBA
ENB
FBB
ADJ
ADJ
0B
SC560C
FBA
PGOOD
FBB
ADJ
ADJ
0C
SC560D
ENB
BYP
PGOOD
2.8V
1.8V
0D
SC560E
ENB
BYP
PGOOD
2.85V
2.85V
0K
SC560F
ENB
BYP
PGOOD
2.5V
1.8V
0L
SC560G
ENB
BYP
PGOOD
2.8V
1.5V
0U
SC560H
ENB
BYP
PGOOD
3.3V
3.3V
0S
MLPQ-UT-8; 1.5x1.5, 8 LEAD
θ
JA = 157°C/W
0n = Part No. Code
See Pinout and Voltage Options Table for details
yw = Datecode


Similar Part No. - SC560

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560 SEMTECH-SC560 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC560A SEMTECH-SC560A Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC560B SEMTECH-SC560B Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC560C SEMTECH-SC560C Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
More results

Similar Description - SC560

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
   Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
   Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
   Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com