Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4538 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4538 Datasheet HTML 1Page - Semtech Corporation SC4538 Datasheet HTML 2Page - Semtech Corporation SC4538 Datasheet HTML 3Page - Semtech Corporation SC4538 Datasheet HTML 4Page - Semtech Corporation SC4538 Datasheet HTML 5Page - Semtech Corporation SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless otherwise noted: V
IN
= 3.6V, C
IN
= 2.2μF, C
OUT
= 1μF, C
COMP
= 47nF, R
COMP
= 1.27kΩ, R
ISET
= 5.76kΩ, T
A
= -40 to 85ºC, typical values are at T
A
= 25ºC.
Electrical Characteristics
Absolute Maximum Ratings
Supply Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +20.0
LX Voltage, Output Voltage (V) . . . . . . . . . . . . . -0.3 to +45
Current Sink Voltage (V) . . . . . . . . . . . . . . . . . . . . -0.3 to +45
Enable Voltage (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
Compensation Voltage (V) . . . . . . . . . . . . . . . . . . -0.3 to +2.0
Current Set Voltage (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +2.0
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . . . . . -40 to +85
Supply Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8 to 5.5
Output Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 to 40
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . . 74
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
SC4538
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Input Voltage
V
IN
2.8
5.5
V
UVLO Threshold
V
UVLO
V
IN
rising
2.40
2.60
2.79
V
UVLO Hysteresis
V
UVLO-HYS
120
mV
Quiescent Supply Current
I
Q
Not switching
1.8
mA
Shutdown Supply Current
I
SHDN
EN tied to GND
0.1
1
μA
EN Logic High Voltage
V
IN
1.80
V
EN Logic Low Voltage
V
IL
0.8
V
EN Logic Input Current
I
IL,
I
IH
V
IN
= 5.5V, V
EN
= 0V or 5.5V
±0.01
±1
μA
Thermal Shutdown Temperature
T
SD
T
J
rising
155
°C
Thermal Shutdown Hysteresis
20
°C
Boost Converter Characteristics
Switching Frequency
f
SW
680
800
920
kHz
Maximum Duty Cycle
D
MAX
V
IN
= 3.2V, T
A
= 25°C
92
%
Minimum On-Time
t
ON(MIN)
100
ns


Similar Part No. - SC4538

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4538 SEMTECH-SC4538 Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4538EVB SEMTECH-SC4538EVB Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4538ULTRT SEMTECH-SC4538ULTRT Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
More results

Similar Description - SC4538

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
   High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
   High Effi ciency Boost Converter for up to 6 LEDS
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
   High Effi ciency Boost Converter for up to 6 LEDS
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
logo
Linear Technology
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com