Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7402PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7402PBF
Description  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7402PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7402PBF Datasheet HTML 1Page - International Rectifier IRF7402PBF Datasheet HTML 2Page - International Rectifier IRF7402PBF Datasheet HTML 3Page - International Rectifier IRF7402PBF Datasheet HTML 4Page - International Rectifier IRF7402PBF Datasheet HTML 5Page - International Rectifier IRF7402PBF Datasheet HTML 6Page - International Rectifier IRF7402PBF Datasheet HTML 7Page - International Rectifier IRF7402PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7402PbF
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
0
200
400
600
800
1000
1200
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
0
4
8
12
16
20
24
G
A
Q , Total Gate Charge (nC)
FOR TEST CIRCUIT
SEE FIGURE 9
I = 3.8A
V
= 16V
D
DS
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
1
10
100
1000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms


Similar Part No. - IRF7402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7402PBF IRF-IRF7402PBF Datasheet
188Kb / 8P
   Generation V Technology
IRF7402PBF IRF-IRF7402PBF Datasheet
188Kb / 8P
   Generation V Technology
IRF7402PBF IRF-IRF7402PBF_15 Datasheet
188Kb / 8P
   Generation V Technology
More results

Similar Description - IRF7402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com