Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77518PWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77518PWPRG4
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77518PWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS77518PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 12Page - Texas Instruments TPS77518PWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
V
=4.3V
C
=10 F
T =+25 C
IN
A
OUT
m
°
I
=7mA
OUT
I
=500mA
OUT
10
2
10
3
10
4
10
5
10
-
5
10
-
6
10
-
7
f -
-
Frequency
Hz
10
-
8
V
=4.3V
C
=10 F
T =+25 C
IN
A
OUT
m
°
I
=1mA
OUT
I
=500mA
OUT
10
1
10
2
10
3
10
4
10
5
10
6
f -
-
Frequency
Hz
10
-
1
10
-
2
10
0
300
150
0
250
200
100
2.5
50
T =+25 C
A
°
T = 40 C
A
-
°
T =+125 C
A
°
350
V
IN -
-
InputVoltage
V
3.0
3.5
4.0
4.5
5.0
I
=500mA
OUT
C
=10 F
OUT
m
I
=0mA
OUT
I
=500mA
OUT
-
40
0
-
20
100
140
-
60
120
20
40
60
80
T
A -
-
Free-AirTemperature
C
°
I
=10mA
OUT
10
1
10
-
1
10
2
10
0
10
-
2
10
3
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS77x33
TPS77x33
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT IMPEDANCE
vs FREQUENCY
vs FREQUENCY
Figure 11.
Figure 12.
TPS77x01
TPS77x33
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
9
Submit Documentation Feedback


Similar Part No. - TPS77518PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77518PWPRG4 TI1-TPS77518PWPRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77518PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com