Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16100C1 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42S16100C1
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100C1 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42S16100C1_07 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
IS42S16100C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. D
11/03/06
AC CHARACTERISTICS(1,2,3)
-5
-6
-7
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tCK3
Clock Cycle Time
CAS Latency = 3
5
6
7
ns
tCK2
CAS Latency = 2
8
8
8
ns
tAC3
Access Time From CLK(4)
CAS Latency = 3
5
5.5
5.5
ns
tAC2
CAS Latency = 2
6
6
6
ns
tCHI
CLK HIGH Level Width
2
2.5
2.5
ns
tCL
CLK LOW Level Width
2
2.5
2.5
ns
tOH3
Output Data Hold Time
CAS Latency = 3
2
2.0
2.0
ns
tOH2
CAS Latency = 2
2.5
2.5
2.5
ns
tLZ
Output LOW Impedance Time
0
0
0
ns
tHZ3
Output HIGH Impedance Time(5)
CAS Latency = 3
4
5.5
5.5
ns
tHZ2
CAS Latency = 2
6
6
6
ns
tDS
Input Data Setup Time
1.5
1.5
2
ns
tDH
Input Data Hold Time
1
1
1
ns
tAS
Address Setup Time
1.5
1.5
2
ns
tAH
Address Hold Time
1
1
1
ns
tCKS
CKE Setup Time
1.5
1.5
2
ns
tCKH
CKE Hold Time
1
1
1
ns
tCKA
CKE to CLK Recovery Delay Time
1CLK+3 —
1CLK+3
—1CLK+3
—ns
tCS
Command Setup Time (
CS, RAS, CAS, WE, DQM)
1.5
1.5
2
ns
tCH
Command Hold Time (
CS, RAS, CAS, WE, DQM)
1
1
1
ns
tRC
Command Period (REF to REF / ACT to ACT)
48
54
63
ns
tRAS
Command Period (ACT to PRE)
32
36
100,000
42
100,000
ns
tRP
Command Period (PRE to ACT)
16
18
20
ns
tRCD
Active Command To Read / Write Command Delay Time
16
16
16
ns
tRRD
Command Period (ACT [0] to ACT[1])
11
12
14
ns
tDPL3
Input Data To Precharge
CAS Latency = 3
1CLK
1CLK
1CLK
ns
Command Delay time
tDPL2
CAS Latency = 2
1CLK
1CLK
1CLK
ns
tDAL3
Input Data To Active / Refresh
CAS Latency = 3
1CLK+tRP
1CLK+tRP
1CLK+tRP —ns
Command Delay time (During Auto-Precharge)
tDAL2
CAS Latency = 2
1CLK+tRP
1CLK+tRP
1CLK+tRP —ns
tT
Transition Time
1
10
1
10
1
10
ns
tREF
Refresh Cycle Time (4096)
64
64
64
ms
Notes:
1. When power is first applied, memory operation should be started 100 µs after VDD and VDDQ reach their stipulated voltages. Also note that the power-on
sequence must be executed before starting memory operation.
2. Measured with tT = 1 ns.
3. The reference level is 1.4 V when measuring input signal timing. Rise and fall times are measured between VIH (min.) and VIL (max.).
4. Access time is measured at 1.4V with the load shown in the figure below.
5. The time tHZ (max.) is defined as the time required for the output voltage to transition by ± 200 mV from VOH (min.) or VOL (max.) when the
output is in the high impedance state.


Similar Part No. - IS42S16100C1_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1-5T ISSI-IS42S16100C1-5T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-5TL ISSI-IS42S16100C1-5TL Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-6T ISSI-IS42S16100C1-6T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-6TL ISSI-IS42S16100C1-6TL Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-7T ISSI-IS42S16100C1-7T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100C1_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com