Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86030 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT86030
Description  Voice Synthesizer 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86030 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT86030 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86030 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
HT86030/HT86070
Voice Synthesizer 8-Bit MCU
Selection Table
Body
HT86030
HT86070
Voice ROM size
768K-bit
1536K-bit
Voice length
36 sec
72 sec
Voice ROM address latch
17-bit
18-bit
Note: * Voice length is estimated by 18K-bit data rate
Rev. 1.10
1
May 25, 2006
Features
· Operating voltage: 2.4V~5.2V
· System clock: 4MHz~8MHz
· Crystal or RC oscillator for system clock
· 16 I/O pins
· 8K´16-bit program ROM
· 208´8-bit RAM
· One external interrupt input
· Two 16-bit programmable timer counter and overflow
interrupts
· 12-bit high quality D/A output by transistor or
HT82V733
· Built-in voice ROM in various capacity
· One 8-bit counter with 3-bit prescaler
· Watchdog Timer
· 8-level subroutine nesting
· HALT function and wake-up feature reduce power
consumption
· Up to 1ms (0.5ms) instruction cycle with 4MHz (8MHz)
system clock
· Support 16-bit table read instruction (TBLP, TBHP)
· 63 powerful and efficient instructions
· 28-pin SOP package
Applications
· Intelligent educational leisure products
· Alert and warning systems
· High end leisure product controllers
· Sound effect generators
General Description
The HT86030/HT86070 series are 8-bit high perfor-
mance microcontroller with voice synthesizer and tone
generator. The HT86030/HT86070 is designed for ap-
plications on multiple I/Os with sound effects, such as
voice and melody. It can provide various sampling rates
and beats, tone levels, tempos for speech synthesizer
and melody generator. It has a single built-in high qual-
ity, D/A output. There is an external interrupt which can
be triggered with falling edge pulse or falling/rising edge
pulse.
The HT86030/HT86070 is excellent for versatile voice
and sound effect product applications. The efficient
MCU instructions allow users to program the powerful
custom applications. The system frequency of
HT86030/HT86070 can be up to 8MHz under 2.4V and
include a HALT function to reduce power consumption.
Technical Document
· Tools Information
· FAQs


Similar Part No. - HT86030

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
   Voice Synthesizer 8-Bit MCU
More results

Similar Description - HT86030

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
   8-Bit Voice Synthesizer MCU
HT86XXX HOLTEK-HT86XXX_07 Datasheet
375Kb / 55P
   Voice Synthesizer 8-Bit MCU
HT86072 HOLTEK-HT86072 Datasheet
368Kb / 39P
   Voice Synthesizer 8-Bit MCU
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
   Voice Synthesizer 8-Bit MCU
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
   Voice Synthesizer 8-Bit OTP MCU
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
   Voice Synthesizer 8-Bit OTP MCU
HT86BXX HOLTEK-HT86BXX Datasheet
516Kb / 79P
   Enhanced Voice 8-Bit MCU
HT86BXX HOLTEK-HT86BXX_11 Datasheet
503Kb / 83P
   Enhanced Voice 8-Bit MCU
HT86B03 HOLTEK-HT86B03_10 Datasheet
499Kb / 83P
   Enhanced Voice 8-Bit MCU
HT86B03 HOLTEK-HT86B03 Datasheet
499Kb / 83P
   Enhanced Voice 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com