Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1087-ADJ Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1087-ADJ
Description  0.5A General Purpose LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1087-ADJ Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1087-ADJ Datasheet HTML 1Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 2Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 3Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 4Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 5Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 6Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 7Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 8Page - Holtek Semiconductor Inc HT1087-ADJ Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
· Digitally selected outputs
· High output current positive voltage regulator
· Increased Output voltage Circuit
V= V
+ V
OUT
XX
D1
R=
V
I
1
XX
SS
HT1087 Series
Rev. 1.10
5
October 5, 2007
C o m m o n
C o m m o n
S i n g l e p o i n t
G N D
A D J
V O U T
V I N
V I N
V O U T
H T 1 0 8 7 - A D J
R 1
1 2 5 W
R 2
R 3
R 4
R 5
R n
N o t e : R 2 c a n s e t t h e m a x i m u m v o l t a g e .
I n p u t s
C 1
1 0 m F
C 2
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
T r 1
R 1
H T 1 0 8 7
S e r i e s
C 2
1 0 m F
C 1
1 0 m F
V I N
V O U T
V O U T
V I N
I C 1
I R E G
I O
R 1 =
V B E 1
I C 1
( 1 + b )
I R E G -
I O = I C 1 + I R E G
,
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
D 1
R 1
H T 1 0 8 7
S e r i e s
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
V X X
I S S
C 1
1 0 m F


Similar Part No. - HT1087-ADJ

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
HT1000UPS TRIPPLITE-HT1000UPS Datasheet
507Kb / 5P
   Audio/Video Digital UPS
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
18Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
logo
List of Unclassifed Man...
HT1010SAT3 ETC2-HT1010SAT3 Datasheet
509Kb / 5P
   10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
More results

Similar Description - HT1087-ADJ

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1117 HOLTEK-HT1117 Datasheet
105Kb / 10P
   1A General Purpose LDO
logo
Shenzhen Huazhimei Semi...
HM78XX HMSEMI-HM78XX Datasheet
1Mb / 13P
   0.5A Low Power LDO
logo
Rohm
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-ME2 ROHM-BD00GA5MEFJ-ME2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com