Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGL34B Datasheet(PDF) 1 Page - Semikron International

Part # RGL34B
Description  Surface mount diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

RGL34B Datasheet(HTML) 1 Page - Semikron International

  RGL34B Datasheet HTML 1Page - Semikron International RGL34B Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Fast silicon rectifier
diodes
RGL 34A...RGL 34M
Forward Current: 0,5 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
RGL 34A...RGL 34M
1
28-02-2007 MAM
© by SEMIKRON


Similar Part No. - RGL34B

ManufacturerPart #DatasheetDescription
logo
Dc Components
RGL34B DCCOM-RGL34B Datasheet
421Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGL34B VISHAY-RGL34B Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
General Semiconductor
RGL34B GE-RGL34B Datasheet
80Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
RGL34B DIOTEC-RGL34B Datasheet
142Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
Micro Commercial Compon...
RGL34B MCC-RGL34B Datasheet
352Kb / 2P
   0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - RGL34B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
   Surface Mount Diode
logo
Rectron Semiconductor
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
S5A SEMIKRON-S5A_07 Datasheet
117Kb / 2P
   Surface mount diode
FR1A SEMIKRON-FR1A_07 Datasheet
114Kb / 2P
   Surface mount diode
Z2SMB1 SEMIKRON-Z2SMB1 Datasheet
54Kb / 1P
   Surface mount diode
logo
Rectron Semiconductor
BAS16 RECTRON-BAS16 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
RGL1A SEMIKRON-RGL1A_07 Datasheet
120Kb / 2P
   Surface mount diode
logo
Rectron Semiconductor
BAS19 RECTRON-BAS19 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com