Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1626 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1626
Description  RAM Mapping 48x16 LCD Controller for I/O MCU
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1626 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1626_02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1626_02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Pad Description
Pad No.
Pad Name
I/O
Description
1
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected instead, the OSCI and OSCO pads
can be left open.
2
OSCO
O
3
VDD
¾
Positive power supply
4
VLCD
I
LCD operating voltage input pad.
5
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output
6, 7
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
8~11
T1~T4
I
Not connected
12~27
COM0~COM15
O
LCD common outputs
28~75
SEG0~SEG47
O
LCD segment outputs
76
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or write to the HT1626 are disabled. The se-
rial interface circuit is also reset. But if the CS is at logic low level and is in-
put to the CS pad, the data and command transmission between the host
controller and the HT1626 are all enabled.
77
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1626 are
clocked out on the falling edge of the RD signal. The clocked out data will
appear on the data line. The host controller can use the next rising edge to
latch the clocked out data.
78
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1626 on the rising edge of the WR signal.
79
DATA
I/O
Serial data input or output with pull-high resistor
80
VSS
¾
Negative power supply, ground
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT1626
Rev. 1.10
5
September 11, 2002


Similar Part No. - HT1626_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1626 HOLTEK-HT1626_09 Datasheet
135Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
More results

Similar Description - HT1626_02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
   RAM Mapping 48x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
   RAM Mapping 32x8 LCD Controller for I/O MCU
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
   RAM Mapping 48x8 LCD Controller for I/O MCU
HT1625 HOLTEK-HT1625_02 Datasheet
192Kb / 15P
   RAM Mapping 64x8 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_10 Datasheet
154Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com