Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77618D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77618D
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77618D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS77618D Datasheet HTML 2Page - Texas Instruments TPS77618D Datasheet HTML 3Page - Texas Instruments TPS77618D Datasheet HTML 4Page - Texas Instruments TPS77618D Datasheet HTML 5Page - Texas Instruments TPS77618D Datasheet HTML 6Page - Texas Instruments TPS77618D Datasheet HTML 7Page - Texas Instruments TPS77618D Datasheet HTML 8Page - Texas Instruments TPS77618D Datasheet HTML 9Page - Texas Instruments TPS77618D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
t
t
V
res
(1)
V
IN
Threshold
Voltage
V
OUT
V
IT+
(2)
RESET
Output
200msDelay
200msDelay
Output
Undefined
V
IT+
(2)
V
IT-
(2)
Lessthan5%ofthe
outputvoltage
V
IT-
(2)
t
Output
Undefined
V
res
(1)
TYPICAL CHARACTERISTICS
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
TPS775xx RESET Timing Diagram
(1)
Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 5% lower than the output voltage (95% VOUT). VIT– to VIT+ is the hysteresis voltage.
Table of Graphs
FIGURE NO.
vs Output Current
Figure 3, Figure 4, Figure 5
VOUT
Output Voltage
vs Free-Air Temperature
Figure 6, Figure 7, Figure 8
vs Time
Figure 20
IGND
Ground Current
vs Free-Air Temperature
Figure 9
PSRR
Power-Supply Ripple Rejection
vs Frequency
Figure 10
Output Spectral Noise Density
vs Frequency
Figure 11
ZOUT
Output Impedance
vs Frequency
Figure 12
vs Input Voltage
Figure 13
VDO
Dropout Voltage
vs Free-Air Temperature
Figure 14
VIN
Input Voltage (Min)
vs Output Voltage
Figure 15
LINE
Line Transient Response
Figure 16, Figure 18
LOAD
Load Transient Response
Figure 17, Figure 19
ESR
Equivalent Series Resistance
vs Output Current
Figure 22, Figure 23
6
Submit Documentation Feedback


Similar Part No. - TPS77618D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77618D TI-TPS77618D Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618D TI1-TPS77618D Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618DG4 TI1-TPS77618DG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618DR TI1-TPS77618DR Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618DRG4 TI1-TPS77618DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77618D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com