Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77618DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS77618DG4
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77618DG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS77618DG4 Datasheet HTML 1Page - Texas Instruments TPS77618DG4 Datasheet HTML 2Page - Texas Instruments TPS77618DG4 Datasheet HTML 3Page - Texas Instruments TPS77618DG4 Datasheet HTML 4Page - Texas Instruments TPS77618DG4 Datasheet HTML 5Page - Texas Instruments TPS77618DG4 Datasheet HTML 6Page - Texas Instruments TPS77618DG4 Datasheet HTML 7Page - Texas Instruments TPS77618DG4 Datasheet HTML 8Page - Texas Instruments TPS77618DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS775xxyyyz, TPS776xxyyyz
XX is nominal output voltage (for example, 28 = 2.8V, 285 = 2.85V, 01 = Adjustable).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Custom fixed output voltages are available; minimum order quantities may apply. Contact factory for details and availability.
Over operating temperature range (unless otherwise noted)
(1)
PARAMETER
TPS775xx, TPS776xx
UNIT
Input voltage range, VIN
(2)
–0.3 to +13.5
V
Voltage range at EN
–0.3 to +16.5
V
Maximum RESET voltage (TPS775xx)
16.5
V
Maximum PG voltage (TPS776xx)
16.5
V
Peak output current
Internally limited
Voltage range at OUT, FB
7
V
Continuous total power dissipation
See Dissipation Ratings Table
Operating junction temperature range, TJ
–40 to +125
°C
Storage junction temperature range , TSTG
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses above these ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those specified is not implied.
(2)
All voltages are with respect to network terminal ground.
AIRFLOW
DERATING FACTOR
BOARD
PACKAGE
(CFM)
TA < +25°C
ABOVE TA = +25°C
TA = +70°C
TA = +85°C
0
568mW
5.68mW/
°C
312mW
227mW
D
250
904mW
9.04mW/
°C
497mW
361mW
0
2.9mW
23.5mW/
°C
1.9W
1.5W
Low-K(1)
PWP
300
4.3mW
34.6mW/
°C
2.8W
2.2W
0
3W
23.8mW/
°C
1.9W
1.5W
High-K(2)
PWP
300
7.2W
57.9mW/
°C
4.6W
3.8W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 1-layer, 5in
נ
5in printed circuit board (PCB), 1-ounce
copper, 2in
נ
2in coverage (4in2).
(2)
This parameter is measured with the recommended copper heat sink pattern on a 8-layer, 1.5in
נ
2in PCB, 1-ounce copper with layers 1,
2, 4, 5, 7, and 8 at 5% coverage (0.9in2) and layers 3 and 6 at 100% coverage (6in2). For more information, refer to TI technical brief
SLMA002.
2
Submit Documentation Feedback


Similar Part No. - TPS77618DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77618DG4 TI1-TPS77618DG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77618DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com