Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77618DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77618DR
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77618DR Datasheet(HTML) 1 Page - Texas Instruments

  TPS77618DR Datasheet HTML 1Page - Texas Instruments TPS77618DR Datasheet HTML 2Page - Texas Instruments TPS77618DR Datasheet HTML 3Page - Texas Instruments TPS77618DR Datasheet HTML 4Page - Texas Instruments TPS77618DR Datasheet HTML 5Page - Texas Instruments TPS77618DR Datasheet HTML 6Page - Texas Instruments TPS77618DR Datasheet HTML 7Page - Texas Instruments TPS77618DR Datasheet HTML 8Page - Texas Instruments TPS77618DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
IN
IN
EN
GND
OUT
OUT
RESET/
PG
6
7
5
16
14
13
3
+
10 F
m
C
OUT
(1)
RESET/PG
V
OUT
V
IN
0.1 F
m
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
TPS775xx with RESET Output, TPS776xx with PG Output
FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
• Open Drain Power-On Reset with 200ms Delay
The TPS775xx and TPS776xx devices are designed
(TPS775xx)
to have a fast transient response and be stable with
a
10
μF
low
ESR
capacitor.
This
combination
• Open Drain Power Good (TPS776xx)
provides high performance at a reasonable cost.
• 500mA Low-Dropout Voltage Regulator
Because the PMOS device behaves as a low-value
• Available in Fixed Output and Adjustable
resistor, the dropout voltage is very low (typically
Versions
169mV at an output current of 500mA for the
• Dropout Voltage to 169mV (Typ) at 500mA
TPS77x33) and is directly proportional to the output
(TPS77x33)
current. Additionally, since the PMOS pass element
is a voltage-driven device, the quiescent current is
• Ultralow 85μA Typical Quiescent Current
very low and independent of output loading (typically
• Fast Transient Response
85
μA over the full range of output current, 0mA to
• 2% Tolerance Over Specified Conditions for
500mA). These two key specifications yield a
Fixed-Output Versions
significant
improvement
in
operating
life
for
battery-powered systems. This LDO family also
• 8-Pin SOIC and 20-Pin TSSOP PowerPAD™
features a sleep mode; applying a TTL high signal to
(PWP) Packages
EN (enable) shuts down the regulator, reducing the
• Thermal Shutdown Protection
quiescent current to 1
μA at TJ = +25°C.
The RESET output of the TPS775xx initiates a reset
in microcomputer and microprocessor systems in the
• FPGA Power
event of an undervoltage condition. An internal
• DSP Core and I/O Voltages
comparator in the TPS775xx monitors the output
voltage of the regulator to detect an undervoltage
Typical Application Circuit
condition on the regulated output voltage.
(Fixed Voltage Options)
Power good (PG) of the TPS776xx is an active high
output, which can be used to implement a power-on
reset or a low-battery indicator.
The TPS775xx and TPS776xx are offered in 1.5V,
1.6V (TPS77516 only), 1.8V, 2.5V, 2.8V (TPS77628
only), and 3.3V fixed-voltage versions and in an
adjustable version (programmable over the range of
1.5V to 5.5V for the TPS77501 and 1.2V to 5.5V for
the TPS77601). Output voltage tolerance is specified
as
a
maximum
of
2%
over
line,
load,
and
temperature ranges. The TPS775xx and TPS776xx
families are available in 8-pin SOIC and 20-pin
TSSOP packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS77618DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77618DR TI1-TPS77618DR Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618DRG4 TI1-TPS77618DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77618DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com