Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9170D Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9170D Datasheet HTML 1Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 2Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 3Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT9170B/HT9170D
DTMF Receiver
Selection Table
Function
Operating
Voltage
OSC
Frequency
Tristate
Data Output
Power
Down
1633Hz
Inhibit
DV
DVB
Package
Part No.
HT9170B
2.5V~5.5V
3.58MHz
ÖÖ
Ö
Ö
¾
18 DIP
HT9170D
2.5V~5.5V
3.58MHz
ÖÖ
Ö
Ö
¾
18 SOP
Block Diagram
Rev. 1.10
1
September 24, 2002
Features
· Operating voltage: 2.5V~5.5V
· Minimal external components
· No external filter is required
· Low standby current (on power down mode)
· Excellent performance
· Tristate data output for MCU interface
· 3.58MHz crystal or ceramic resonator
· 1633Hz can be inhibited by the INH pin
· HT9170B: 18-pin DIP package
HT9170D: 18-pin SOP package
General Description
The HT9170B/D are Dual Tone Multi Frequency (DTMF)
receivers integrated with digital decoder and bandsplit
filter functions as well as power-down mode and inhibit
mode operations. Such devices use digital counting
techniques to detect and decode all the 16 DTMF tone
pairs into a 4-bit code output.
Highly accurate switched capacitor filters are imple-
mented to divide tone signals into low and high group
signals. A built-in dial tone rejection circuit is provided to
eliminate the need for pre-filtering.
O P A
X 2
X 1
3 . 5 8 M H z
C r y s t a l
O s c i l l a t o r
V r e f
G e n e r a t o r
L o w G r o u p
. i l t e r
H i g h G r o u p
. i l t e r
S t e e r i n g C o n t r o l C i r c u i t
P r e - . i l t e r
V P
V N
G S
. r e q u e n c y
D e t e c t o r
C o d e
D e t e c t o r
L a t c h
&
O u t p u t
B u f f e r
O E
V R E .
R T / G T
E S T
D V
D 0
D 1
D 2
D 3
I N H
B i a s
C i r c u i t
P W D N
D V B


Similar Part No. - HT9170D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9170D HOLTEK-HT9170D Datasheet
124Kb / 12P
   DTMF Receiver
HT9170D HOLTEK-HT9170D Datasheet
136Kb / 14P
   DTMF Receiver
More results

Similar Description - HT9170D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com