Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77633PWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS77633PWPRG4
Description  FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77633PWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77633PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 12Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 13Page - Texas Instruments TPS77633PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
10
0
3.7
2.7
0
20
40
60
80
100
120
140
160
180
200
C
=10 F
T =+25 C
m
OUT
A
°
t -
-
Time
s
m
-
10
3
2.7
2
1.50
1.75
2.0
2.25
2.50
2.75
4
3.0
3.25
3.5
I
=0.5A
OUT
V
OUT -
-
OutputVoltage
V
T =+25 C
A
°
T =+125 C
A
°
T = 40 C
A
-
°
500
0
50
0
-
50
0
20
40
60
80
100
120
140
160
180
200
t -
-
Time
s
m
C
=2x47 F
ESR=1/2x100m
V
=1.5V
V
=2.7V
m
W
OUT
IN
OUT
0
20
40
60
80
100
120
140
160
180
200
t -
-
Time
s
m
10
0
5.3
4.3
-
10
C
=10 F
T =+25 C
m
OUT
A
°
TPS775xx, TPS776xx
SLVS232I – SEPTEMBER 1999 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
INPUT VOLTAGE (MIN)
TPS77x15
vs OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
TPS77x15
TPS77x33
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
10
Submit Documentation Feedback


Similar Part No. - TPS77633PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77633PWPRG4 TI1-TPS77633PWPRG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77633PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com