Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2593P-ADJ Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM2593P-ADJ
Description  2A Step Down VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2593P-ADJ Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM2593P-ADJ Datasheet HTML 3Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 4Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 5Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 6Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 7Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 8Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 9Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 10Page - Champion Microelectronic Corp. CM2593P-ADJ Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM2593/P
2A Step Down VOLTAGE REGULATOR
APPLICATIONS CIRCUIT
CM2593/P
2
1
3
4
5
6
7
8
OUT
VIN
FB
SD
GND
GND
GND
GND
L1
68uF
1
2
5A/40V
1
2
R1
2
1
470uF/50V
1
2
Vfb = 1.235V
;
R1=1K~5K
220uF/25V
1
2
Output Voltage Fixed : R1=NC
, R2=0
VOUT
Output Voltage Adj : Vo=Vref*(1+(R2/R1))
VIN
R2
2
1
APPLICATIONS Demo Board Layout
TOP Layer
BOT Layer
Notice :
1. R1/R2 must be close to Pin3 (VFB ), but keep feedback wiring away from inductor
.
2. Inductor/diode must be close to Pin2 (Vout ), heavy lines must be keep short and thick .
3. Please to refer to Circuit and Demo Board Layout (the Fig. as above)
2007/01/25 Rev. 1.4
Champion Microelectronic Corporation
Page 7


Similar Part No. - CM2593P-ADJ

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM259 VCC-CM259 Datasheet
32Kb / 1P
   Wedge Base
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN220 ETC-CM2596CN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN263 ETC-CM2596CN263 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596GCN220 ETC-CM2596GCN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2593P-ADJ

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
   2A Step-down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
   2A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com