Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9420EGJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9420EGJ
Description  Quad Differential LVECL-to-LVPECL Translators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9420EGJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9420EGJ Datasheet HTML 2Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 3Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 9Page - Maxim Integrated Products MAX9420EGJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
The MAX9420–MAX9423 are extremely fast, low-skew
quad LVECL-to-LVPECL translators designed for high-
speed signal and clock driver applications. The
devices feature ultra-low propagation delay of 336ps
and channel-to-channel skew of 17ps.
The four channels can be operated synchronously with
an external clock, or in asynchronous mode, deter-
mined by the state of the SEL input. An enable input
provides the ability to force all the outputs to a differen-
tial low state.
These devices operate with a negative supply voltage
of -2.0V to -3.6V, compatible with LVECL input signals.
The positive supply range is 2.375V to 3.6V for differen-
tial LVPECL output signals.
A variety of input and output terminations are offered
for maximum design flexibility. The MAX9420 has open
inputs and open-emitter outputs. The MAX9421 has
open inputs and 50
Ω series outputs. The MAX9422 has
100
Ω differential input impedance and open-emitter
outputs. The MAX9423 has 100
Ω differential input
impedance and 50
Ω series outputs.
Supply Voltages
For interfacing to differential LVECL input levels, the
VEE range is -2.0V to -3.6V with GND = 0. The VCC
range is from 2.375V to 3.6V, compatible with LVPECL
logic. Output levels are referenced to VCC.
Data Inputs
The MAX9420/MAX9421 have open inputs and require
external termination. The MAX9422/MAX9423 have inte-
grated 100
Ω differential input termination resistors from
IN_ to IN_, reducing external component count.
Outputs
The MAX9421/MAX9423 have internal 50
Ω series out-
put termination resistors and 8mA internal pulldown
current sources. Using integrated resistors reduces
external component count.
The MAX9420/MAX9422 have open-emitter outputs. An
external termination is required. See the Output
Termination section.
Enable
Setting EN = high and EN = low enables the device.
Setting EN = low and EN = high forces the outputs to a
differential low. All changes on CLK, SEL, and IN_ are
ignored.
Asynchronous Operation
Setting SEL = high and SEL = low enables the four
channels to operate independently as LVECL-to-
LVPECL translators. The CLK signal is ignored in this
mode. In asynchronous mode, the CLK signal should
be set to either logic low or high state to minimize noise
coupling.
Synchronous Operation
Setting SEL = low and SEL = high enables all four
channels to operate in synchronized mode. In this
mode, buffered inputs are clocked into flip-flops simul-
taneously on the rising edge of the differential clock
input (CLK and CLK).
Differential Signal Input Limit
The maximum signal magnitude of all the differential
inputs is 3.0V.
Quad Differential LVECL-to-LVPECL Translators
6
_______________________________________________________________________________________
GND
VID
VID = 0
VIHD (MAX)
VCC
GND
VILD (MAX)
VOH - VOL
VOCM
VOH
VOL
VEE
VID
VID = 0
VIHD (MIN)
VILD (MIN)
INPUT VOLTAGE DEFINITION
OUTPUT VOLTAGE DEFINITION
Figure 1. Input and Output Voltage Definitions


Similar Part No. - MAX9420EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
MAX9424EGJ MAXIM-MAX9424EGJ Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results

Similar Description - MAX9420EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com