Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2516AETA-7A-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EDD2516AETA-7A-E
Description  256M bits DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AETA-7A-E Datasheet(HTML) 2 Page - Elpida Memory

  EDD2516AETA-7A-E Datasheet HTML 1Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 2Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 3Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 4Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 5Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 6Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 7Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 8Page - Elpida Memory EDD2516AETA-7A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
EDD2508AETA, EDD2516AETA
Data Sheet E0859E50 (Ver. 5.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
banks
Data rate
Mbps (max.)
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDD2508AETA-5B-E
EDD2508AETA-5C-E
E
32M
× 8
4
400
DDR400B (3-3-3)
DDR400C (3-4-4)
66-pin Plastic
TSOP (II)
EDD2508AETA-6B-E
333
DDR333B (2.5-3-3)
EDD2508AETA-7A-E
EDD2508AETA-7B-E
266
DDR266A (2-3-3)
DDR266B (2.5-3-3)
EDD2516AETA-5B-E
EDD2516AETA-5C-E
16M
× 16
400
DDR400B (3-3-3)
DDR400C (3-4-4)
EDD2516AETA-6B-E
333
DDR333B (2.5-3-3)
EDD2516AETA-7A-E
EDD2516AETA-7B-E
266
DDR266A (2-3-3)
DDR266B (2.5-3-3)
Part Number
Elpida Memory
Density / Bank
25: 256M / 4-bank
Organization
08: x8
16: x16
Power Supply, Interface
A: 2.5V, SSTL_2
Die Rev.
Package
TA: TSOP (II)
Speed
5B: DDR400B (3-3-3)
5C: DDR400C (3-4-4)
6B: DDR333B (2.5-3-3)
7A: DDR266A (2-3-3)
7B: DDR266B (2.5-3-3)
Environment Code
E: Lead Free
(RoHS compliant)
Product Family
D: DDR SDRAM
Type
D: Monolithic Device
EDD2508AETA - 5B- E
Speed Grade Compatibility
Operating Frequencies
Speed bin
CL2
CL2.5
CL3
DDR400B
133MHz
166MHz
200MHz
DDR400C
133MHz
166MHz
200MHz
DDR333B
133MHz
166MHz
166MHz
DDR266A
133MHz
133MHz
133MHz
DDR266B
100MHz
133MHz
133MHz


Similar Part No. - EDD2516AETA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-5C ELPIDA-EDD2516AKTA-5C Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5C-E ELPIDA-EDD2516AKTA-5C-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
More results

Similar Description - EDD2516AETA-7A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com