Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9421EGJ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9421EGJ
Description  Quad Differential LVECL-to-LVPECL Translators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9421EGJ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9421EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 9Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 10Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 11Page - Maxim Integrated Products MAX9421EGJ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Applications Information
Input Bias
Unused inputs should be biased or driven as shown in
Figure 5. This avoids noise coupling that might cause
toggling at the unused outputs.
Output Termination
Terminate open-emitter outputs (MAX9420/MAX9422)
through 50
Ω to VCC - 2V or use an equivalent Thevenin
termination. Terminate outputs using identical termina-
tion on each for the lowest output-to-output skew. When
a single-ended signal is taken from a differential output,
terminate both outputs. For example, if OUT_ is used as
a single-ended output, terminate both OUT_ and OUT_.
Ensure that the output currents do not exceed the cur-
rent limits as specified in the Absolute Maximum
Ratings table. Under all operating conditions, the
device’s total thermal limits should be observed.
Power-Supply Bypassing
Adequate power-supply bypassing is necessary to
maximize the performance and noise immunity. Bypass
VCC to GND and VEE to GND with high-frequency sur-
face-mount ceramic 0.1µF and 0.01µF capacitors in
parallel as close to the device as possible, with the
0.01µF capacitor closest to the device pins. Use multi-
ple parallel vias for ground-plane connection to mini-
mize inductance.
Circuit Board Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9420–MAX9423. Connect each of the
inputs and outputs to a 50
Ω characteristic impedance
trace. Avoid discontinuities in differential impedance
and maximize common-mode noise immunity by main-
taining the distance between differential traces and
avoid sharp corners. Minimize the number of vias to
prevent impedance discontinuities. Reduce the reflec-
tions by maintaining 50
Ω characteristic impedance
through connectors and across cables. Minimize skew
by matching the electrical length of the traces.
Chip Information
TRANSISTOR COUNT: 927
PROCESS: Bipolar
Quad Differential LVECL-to-LVPECL Translators
8
_______________________________________________________________________________________
Figure 4. CLK-to-OUT Propagation Delay Timing Diagram
VIHD - VILD
VIHD - VILD
VOH - VOL
CLK
CLK
IN_
IN_
OUT_
OUT_
tH
tS
tH
tPLH2
tPHL2
SEL = LOW
EN = HIGH


Similar Part No. - MAX9421EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
MAX9424EGJ MAXIM-MAX9424EGJ Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results

Similar Description - MAX9421EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com