Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA210N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA210N
Description  Sirius Satellite Digital audio radio service Heterodyne tuner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA210N Datasheet(HTML) 2 Page - STMicroelectronics

  STA210N Datasheet HTML 1Page - STMicroelectronics STA210N Datasheet HTML 2Page - STMicroelectronics STA210N Datasheet HTML 3Page - STMicroelectronics STA210N Datasheet HTML 4Page - STMicroelectronics STA210N Datasheet HTML 5Page - STMicroelectronics STA210N Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Application block diagram
STA210N
2/6
1
Application block diagram
Figure 1.
Application block diagram
AC00142
IF
STA240
Baseband
Processor
STA240
Baseband
Processor
Audio/I
2S
FLASH
1M x 16
IFAGC
STA210N
Tuner FE
I2C
SDRAM
8Mbx8 or 16Mx8
Data


Similar Part No. - STA210N

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
STA20302 MSPI-STA20302 Datasheet
256Kb / 1P
   Voltage Rating 12 to 24 Vdc
logo
Sanken electric
STA203A SANKEN-STA203A Datasheet
55Kb / 2P
   1.2A 3 circuits Triac Array
logo
Mallory Sonalert Produc...
STA20502 MSPI-STA20502 Datasheet
256Kb / 1P
   Voltage Rating 12 to 24 Vdc
logo
STMicroelectronics
STA2051 STMICROELECTRONICS-STA2051 Datasheet
137Kb / 5P
   32-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS
STA2051E STMICROELECTRONICS-STA2051E Datasheet
137Kb / 5P
   32-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS
More results

Similar Description - STA210N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAANIN0055 MACOM-MAANIN0055 Datasheet
113Kb / 1P
   Automotive Roof Mount Sirius Satellite Digital Radio Antenna
logo
NXP Semiconductors
SAA7500 PHILIPS-SAA7500 Datasheet
154Kb / 20P
   Digital satellite radio broadcasting tuner decoder SAT-2
September 1989
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
logo
STMicroelectronics
STA260 STMICROELECTRONICS-STA260 Datasheet
159Kb / 7P
   Sirius SDARS channel, service & source decoder
STA240 STMICROELECTRONICS-STA240 Datasheet
116Kb / 6P
   Sirius SDARS channel, service & source decoder
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com