Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51100 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS51100
Description  3-A SINK/SOURCE DDR TERMINATION REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51100 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51100_07 Datasheet HTML 1Page - Texas Instruments TPS51100_07 Datasheet HTML 2Page - Texas Instruments TPS51100_07 Datasheet HTML 3Page - Texas Instruments TPS51100_07 Datasheet HTML 4Page - Texas Instruments TPS51100_07 Datasheet HTML 5Page - Texas Instruments TPS51100_07 Datasheet HTML 6Page - Texas Instruments TPS51100_07 Datasheet HTML 7Page - Texas Instruments TPS51100_07 Datasheet HTML 8Page - Texas Instruments TPS51100_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS51100
SLUS600B − APRIL 2004 − REVISED NOVEMBER 2005
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS51100
UNIT
Input voltage range(2)
VIN, VLDOIN, VTTSNS, VDDQSNS, S3, S5
−0.3 to 6
Input voltage range(2)
PGND
−0.3 to 0.3
V
Output voltage range(2)
VTT, VTTREF
−0.3 to 6
V
Operating ambient temperature range, TA
−40 to 85
°C
Storage temperature, Tstg
−55 to 150
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions”
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to the network ground terminal unless otherwise noted.
DISSIPATION RATING TABLE
PACKAGE
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
10-pin DGQ
1.73 W
17.3 mW/
°C
0.694 W
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VIN
4.75
5.25
S3, S5
−0.10
5.25
Voltage range
VLDOIN, VDDQSNS, VTT, VTTSNS
−0.1
3.6
V
Voltage range
VTTREF
−0.1
1.8
V
PGND
−0.1
0.1
Operating free-air temperature, TA
−40
85
°C
ACTUAL SIZE
3,05mm x 4,98mm
1
2
3
4
5
10
9
8
7
6
VDDQSNS
VLDOIN
VTT
PGND
VTTSNS
VIN
S5
GND
S3
VTTREF
(TOP VIEW)
DGQ Package
(4) For more information on the DGQ package, refer to TI Technical Brief, Literature No. SLMA002.
(5) PowerPADt heat slug must be connected to GND (pin 8) or electrically isolated from all other pins.


Similar Part No. - TPS51100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com