Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5615CDGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5615CDGKRG4
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615CDGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5615CDGKRG4 Datasheet HTML 1Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 2Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 3Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 4Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 5Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 6Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 7Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 8Page - Texas Instruments TLC5615CDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
OPERATING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
th(CSH0)
tsu(CSS)
tw(CH)
tw(CL)
th(CSH1)
tsu(CS1)
tw(CS)
tpd(DOUT)
CS
SCLK
DIN
DOUT
tsu(DS)
th(DH)
NOTES: A. The input clock, applied at the SCLK terminal, should be inhibited low when CS is high to minimize clock feedthrough.
See Note A
See Note A
See Note B
MSB
LSB
B. Data input from preceeding conversion cycle.
See Note C
Previous LSB
C. Sixteenth SCLK falling edge
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
over recommended operating free-air temperature range, V
DD = 5V ±5%, Vref = 2.048V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT DYNAMIC PERFORMANCE
CL = 100pF,
SR
Output slew rate
RL = 10kΩ,
0.3
0.5
V/
µs
TA= +25°C
To 0.5LSB,
ts
Output settling time
CL = 100pF, (1)
12.5
µs
RL = 10kΩ,
Glitch energy
DIN = All 0s to all 1s
5
nV-s
REFERENCE INPUT (REFIN)
Reference feedthrough
REFIN = 1VPP at 1kHz + 2.048Vdc (2)
–80
dB
Reference input
REFIN = 0.2VPP + 2.048Vdc
30
kHz
bandwidth (f–3dB)
(1)
Settling time is the time for the output signal to remain within
±0.5LSB of the final measured value for a digital input code change of 000
hex to 3FF hex or 3FF hex to 000 hex.
(2)
Reference feedthrough is measured at the DAC output with an input code = 000 hex and a Vref input = 2.048Vdc + 1Vpp at 1kHz.
Figure 1. Timing Diagram
5
Submit Documentation Feedback


Similar Part No. - TLC5615CDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615CDGK TI-TLC5615CDGK Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615CDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com