Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS280DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS280DRG4
Description  9-BIT PARITY GENERATORS/CHECKETS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS280DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS280DRG4 Datasheet HTML 1Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 2Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 3Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 4Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 5Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 6Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 7Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 8Page - Texas Instruments SN74AS280DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74ALS280, SN74AS280
9BIT PARITY GENERATORS/CHECKERS
SDAS038C − DECEMBER 1982 − REVISED DECEMBER 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
SN74ALS280
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
− 2.6
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS280
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
V
VOH
VCC = 4.5 V,
IOH = − 2.6 mA
2.4
3.3
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
mA
ICC
VCC = 5.5 V
10
16
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN74ALS280
UNIT
MIN
MAX
tPLH
Any
Σ EVEN
3
20
ns
tPHL
Any
Σ EVEN
3
20
ns
tPLH
Any
Σ ODD
3
20
ns
tPHL
Any
Σ ODD
4
22
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74AS280DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS280DR TI-SN74AS280DR Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74AS280DRE4 TI-SN74AS280DRE4 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results

Similar Description - SN74AS280DRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com